| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M30622ECTFP bảng dữ liệu(PDF) 170 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
M30622ECTFP bảng dữ liệu(HTML) 170 Page - Mitsubishi Electric Semiconductor |
|
170 / 184 page ![]() 170 Tentative Specifications REV.A Mitsubishi microcomputers M16C / 62T Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Specifications in this manual are tentative and subject to change. Under development Programmable I/O Port Pin name Connection Ports P0 to P10 (excluding P85) (Note 1) XOUT (Note 2) AVSS, VREF, BYTE AVCC After setting for input mode, connect every pin to VSS or VCC via a resistor; or after setting for output mode, leave these pins open. Open Connect to VCC Connect to VSS Note 1: In M30623(80-pin package), P1, P44 to P47, P72 to P75, and P91 are not connected to external pin, but exist inside microcomputer. So set these ports for output mode. Note 2: With external clock input to XIN pin. NMI Connect via resistor to VCC (pull-up) Table 1.23.1. Example connection of unused pins in single-chip mode Pin name Connection Ports P6 to P10 (excluding P85) (Note 1) AVSS, VREF AVCC After setting for input mode, connect every pin to VSS or VCC via a resistor; or after setting for output mode, leave these pins open. Open Connect to VCC Connect to VSS Note 1: In M30623(80-pin package), P72 to P75, P91 are not connected to external pin, but exist inside microcomputer. So set these ports for output mode. Note 2: With external clock input to XIN pin. Note 3: The M16C/62T group is not guaranteed to operate in memory expansion and microprocessor modes. HOLD, RDY, NMI Connect via resistor to VCC (pull-up) BHE, ALE, HLDA, XOUT(Note 2), BCLK P45 / CS1 to P47 / CS3 Sets ports to input mode, sets bits CS1 through CS3 to 0, and connects to Vcc via resistors (pull-up). Figure 1.23.9. Example connection of unused pins Port P0 to P10 (except for P85) (Input mode) · · · (Input mode) (Output mode) NMI XOUT AVCC BYTE AVSS VREF Microcomputer VCC VSS In single-chip mode Port P6 to P10 (except for P85) (Input mode) · · · (Input mode) (Output mode) NMI XOUT AVCC AVSS VREF Open Microcomputer VCC VSS In memory expansion mode or in microprocessor mode HOLD RDY ALE BCLK BHE HLDA Open Open Open · · · · · · Port P45 / CS1 to P47 / CS3 Note 1: In M30623(80-pin package), P72 to P75, P91 are not connected to external pin, but exist inside microcomputer. So set these ports for output mode. Note 2: The M16C/62T group is not guaranteed to operate in memory expansion and microprocessor modes. Note 3: When the wiring between NMI and VCC is long, pull-up via resistor. Table 1.23.2. Example connection of unused pins in memory expansion mode and microprocessor mode |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |