công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 143 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 143 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 139Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 140Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 146Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 147Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 184 page
background image
143
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
UART2 Special Mode Register
S I/O3, 4
S I/O3 and S I/O4 are exclusive clock-synchronous serial I/Os.
In M30623(80-pin package), SIN3 is not connected to external pin, so S I/O3 is exclusive transmission.
Figure 1.19.28 shows the S I/O3, 4 block diagram, and Figure 1.19.29 shows the S I/O3, 4 control register.
Table 1.19.10 shows the specifications of S I/O3, 4.
Figure 1.19.28. S I/O3, 4 block diagram
Figure 1.19.29. S I/O3, 4 control register
S I/O3, 4
S I/Oi transmission/reception register (8)
S I/O counter i (3)
Synchronous
circuit
f1
f8
f32
Data bus
8
S I/Oi
interrupt request
SMi5 LSB
MSB
SMi2
SMi3
SMi3
SMi6
SMi1
SMi0
P90/CLK3
(P95/CLK4)
P92/SOUT3
(P96/SOUT4)
P91/SIN3
(P97/SIN4)
Transfer rate register (8)
SMi6
Note 1: In M30623(80-pin package), P91/SIN3 is not connected to external pin.
Note 2: i = 3, 4.
ni = A value set in the S I/O transfer rate register i (036316, 036716).
1/(ni+1)
1/2
S I/Oi control register (i = 3, 4) (Note 1)
Symbol
Address
When reset
SiC
036216, 036616
4016
b7
b6
b5
b4
b3
b2 b1
b0
W
R
Description
SMi5
SMi1
SMi0
SMi3
SMi6
SMi7
Internal synchronous
clock select bit
Transfer direction lect bit
S I/Oi port select bit
(Note 2)
SOUTi initial value
set bit
0 0 : Selecting f1
0 1 : Selecting f8
1 0 : Selecting f32
1 1 : Not to be used
b1 b0
0 : External clock
1 : Internal clock
Effective when SMi3 = 0
0 : L output
1 : H output
0 : Input-output port
1 : SOUTi output, CLK function
Bit name
Bit
symbol
Synchronous clock
select bit (Note 2)
0 : LSB first
1 : MSB first
SMi2
SOUTi high impedance
control bit
0 : SOUTi output
1 : SOUTi high impedance
Note 1: Set "1" in bit 2 of the protection register (000A16) in advance to write to the
S I/Oi control register (i = 3, 4).
Note 2: When set “0” to SMi3 (i = 3, 4) and select input - output port, set “1” to SMi6
(i = 3, 4) and select internal clock, or input “H” to P90 and P95.
Nothing is assigned.
In an attempt to write to this bit, write “0”. The value, if read, turns out to be “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com