công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 140 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 140 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 136Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 137Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 138Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 139Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 140Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 184 page
background image
140
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
UART2 Special Mode Register
Figure 1.19.26 shows the functional block diagram for IIC mode. Setting “1” in the IIC mode selection bit
(IICM) causes ports P70, P71, and P72 to work as data transmission-reception terminal SDA, clock input-
output terminal SCL, and port P72 respectively. A delay circuit is added to the SDA transmission output,
so the SDA output changes after SCL fully goes to “L”. An attempt to read Port P71 (SCL) results in
getting the terminal’s level regardless of the content of the port direction register. The initial value of SDA
transmission output in this mode goes to the value set in port P70. The interrupt factors of the bus collision
detection interrupt, UART2 transmission interrupt, and of UART2 reception interrupt turn to the start/stop
condition detection interrupt, acknowledgment non-detection interrupt, and acknowledgment detection
interrupt respectively.
The start condition detection interrupt refers to the interrupt that occurs when the falling edge of the SDA
terminal (P70) is detected with the SCL terminal (P71) staying “H”. The stop condition detection interrupt
refers to the interrupt that occurs when the rising edge of the SDA terminal (P70) is detected with the SCL
terminal (P71) staying “H”. The bus busy flag (bit 2 of the UART2 special mode register) is set to “1” by the
start condition detection, and set to “0” by the stop condition detection.
In the first place, the control bits related to the IIC bus(simplified IIC bus) interface are explained.
Bit 0 of the UART special mode register (037716) is used as the IIC mode selection bit.
Setting “1” in the IIC mode select bit (bit 0) goes the circuit to achieve the IIC bus interface effective.
Table 1.19.9 shows the relation between the IIC mode select bit and respective control workings.
Since this function uses clock-synchronous serial I/O mode, set this bit to “0” in UART mode.
P70 through P72 conforming to the simplified IIC bus
Selector
I/O
Timer
delay
Noize
Filter
Timer
UART2
Selector
(Port P71 output data latch)
I/O
P70/TxD2/SDA
P71/RxD2/SCL
Reception register
CLK
Internal clock
UART2
External clock
Selector
UART2
I/O
Timer
P72/CLK2
Arbitration
Start condition detection
Stop condition detection
Data bus
Falling edge
detection
D
T
Q
D
T
Q
D
T
Q
NACK
ACK
UART2
UART2
UART2
R
UART2 transmission/
NACK interrupt
request
UART2 reception/ACK
interrupt request
DMA1 request
9th pulse
IICM=1
IICM=0
IICM=1
IICM=0
IICM=1
IICM=0
IICM=0
IICM=1
IICM=0
IICM=1
IICM=1
IICM=0
Port reading
*
With IICM set to 1, the port terminal is to be readable
even if 1 is assigned to P71 of the direction register.
L-synchronous
output enabling bit
S
R Q
Bus busy
IICM=1
IICM=0
Bus collision/start, stop
condition detection
interrupt request
Bus collision
detection
Noize
Filter
Transmission
register
To DMA0, DMA1
Q
Noize
Filter
To DMA0
Note 1: In M30623(80-pin package), P72/CLK2 is not connected to external pin.
Figure 1.19.26. Functional block diagram for IIC mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com