công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 145 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 145 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 141Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 146Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 147Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 148Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 149Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 184 page
background image
145
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
UART2 Special Mode Register
Functions for setting an SOUTi initial value
In carrying out transmission, the output level of the SOUTi terminal as it is before transmitting 1-bit
data can be set either to “H” or to “L”. Figure 1.19.31 shows the timing chart for setting an SOUTi initial
value and how to set it.
Figure 1.19.31. Timing chart for setting SOUTi’s initial value and how to set it
S I/Oi operation timing
Figure 1.19.32 shows the S I/Oi operation timing
Figure 1.19.32. S I/Oi operation timing chart
S I/O3, 4
S I/Oi port select bit SMi3 = 0
SOUTi initial value select bit
SMi7 = 1
(SOUTi: Internal
“H” level)
S I/Oi port select bit
SMi3 = 0
1
(Port select: Normal port
SOUTi)
SOUTi terminal = “H” output
Signal written to the S I/Oi register
=“L”
“H”
“L”
(Falling edge)
SOUTi terminal = Outputting
stored data in the S I/Oi transmission/
reception register
Signal written to the S I/Oi
transmission/reception
register
SOUTi (internal)
SOUTi's initial value
set bit (SMi7)
SOUTi terminal output
S I/Oi port select bit
(SMi3)
Setting the SOUTi
initial value to H
Port selection
(normal port
SOUTi)
D0
(i = 3, 4)
Initial value = “H” (Note)
Port output
D0
(Example) With “H” selected for SOUTi:
Note: The set value is output only when the external clock has been selected. When
initializing SOUTi, input “H” level to CLKi pin.
If the internal clock has been selected or if SOUT high impedance has been set,
this output goes to the high-impedance state.
D7
D0
D1
D2
D3
D4
D5
D6
Transfer clock
(Note 1)
S I/Oi output SOUTi
S I/Oi input SINi
Signal written to the
S I/Oi register
(Note 2)
Setting the S I/Oi interrupt request bit
Note 1: With the internal clock selected for the transfer clock, the frequency dividing ratio can be selected using
bits 0 and 1 of the S I/Oi control register. (No frequency division, 8-division frequency, 32-division frequency.)
Note 2: With the internal clock selected for the transfer clock, the SOUTi terminal becomes to the high-impedance
state after the transfer finishes.
Note 3: In M30623(80-pin package), the input pin SIN3 of S I/O3 is not connected to external pin.
(i= 3, 4)
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com