công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M30622ECTFP bảng dữ liệu(PDF) 146 Page - Mitsubishi Electric Semiconductor

tên linh kiện M30622ECTFP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUBISHI [Mitsubishi Electric Semiconductor]
Trang chủ  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622ECTFP bảng dữ liệu(HTML) 146 Page - Mitsubishi Electric Semiconductor

Back Button M30622ECTFP Datasheet HTML 142Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 143Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 144Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 145Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 146Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 147Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 148Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 149Page - Mitsubishi Electric Semiconductor M30622ECTFP Datasheet HTML 150Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 184 page
background image
146
Tentative Specifications REV.A
Mitsubishi microcomputers
M16C / 62T Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Specifications in this manual are tentative and subject to change.
Under
development
A-D Converter
Item
Performance
Method of A-D conversion Successive approximation (capacitive coupling amplifier)
Analog input voltage (Note 1) 0V to AVCC (VCC)
Operating clock
φAD (Note 2) fAD/divide-by-2 of fAD/divide-by-4 of fAD, fAD=f(XIN) (VCC = 5V)
Resolution
8-bit or 10-bit (selectable)
Absolute precision
q8-bit resolution
±2LSB
q10-bit resolution
±3LSB
When the extended analog input pins ANEX0, ANEX1, AN00 to AN07,
and AN20 to AN27 are used as the external operation amp connection mode:
±7LSB
Operating modes
One-shot mode, repeat mode, single sweep mode, repeat sweep mode 0,
and repeat sweep mode 1
Analog input pins
8 pins (AN0 to AN7) + 2 pins (ANEX0 and ANEX1) + 16 pins (AN00 to AN07,
AN20 to AN27)
(Note 3)
A-D conversion start condition • Software trigger
A-D conversion starts when the A-D conversion start flag changes to “1”
• External trigger (can be retriggered)
A-D conversion starts when the A-D conversion start flag is “1” and the
___________
ADTRG/P97 input changes from “H” to “L”
Conversion speed per pin • Without sample and hold function
8-bit resolution: 49
φAD cycles, 10-bit resolution: 59 φAD cycles
• With sample and hold function
8-bit resolution: 28
φAD cycles, 10-bit resolution: 33 φAD cycles
A-D Converter
The A-D converter consists of one 10-bit successive approximation A-D converter circuit with a capacitive coupling
amplifier. Pins P100 to P107, P95, P96, P00 to P07, and P20 to P27 also function as the analog signal input pins. The
direction registers of these pins for A-D conversion must therefore be set to input. The Vref connect bit (bit 5 at
address 03D716) can be used to isolate the resistance ladder of the A-D converter from the reference voltage input
pin (VREF) when the A-D converter is not used. Doing so stops any current flowing into the resistance ladder from
VREF, reducing the power dissipation. When using the A-D converter, start A-D conversion only after setting bit 5 of
03D716 to connect VREF.
The result of A-D conversion is stored in the A-D registers of the selected pins. When set to 10-bit precision, the low
8 bits are stored in the even addresses and the high 2 bits in the odd addresses. When set to 8-bit precision, the low
8 bits are stored in the even addresses.
Table 1.20.1 shows the performance of the A-D converter. Figure 1.20.1 shows the block diagram of the
A-D converter, and Figures 1.20.2 and 1.20.3 show the A-D converter-related registers.
Note 1: Does not depend on use of sample and hold function.
Note 2: Divide the frequency if f(XIN) exceeds 10MHZ, and make
φAD frequency equal to 10MHZ.
Without sample and hold function, set the
φAD frequency to 250kHZ min.
With the sample and hold function, set the
φAD frequency to 1MHZ min.
Note 3: The pins are not used as the analog input pins can be used as normal I/O ports, or I/O pins of
each peripheral function.
Table 1.20.1. Performance of A-D converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com