| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM0223 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0223 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 110 page ![]() The STM32L0 Cortex-M0+ Instruction Set PM0223 36/110 DocID025763 Rev 1 3 The STM32L0 Cortex-M0+ Instruction Set 3.1 Instruction set summary The processor implements a version of the Thumb instruction set. Table 15 lists the supported instructions. In Table 15 • Angle brackets, <>, enclose alternative forms of the operand. • Braces, {}, enclose optional operands and mnemonic parts. • The Operands column is not exhaustive. For more information on the instructions and operands, see the instruction descriptions. Table 15. STM32L0 Cortex-M0+ instructions Mnemonic Operands Brief description Flags Section ADCS {Rd,} Rn, Rm Add with Carry N,Z,C,V 3.5.1 on page 54. ADD{S} {Rd,} Rn, <Rm|#imm> Add N,Z,C,V 3.5.1 on page 54. ADR Rd, label PC-relative Address to Register - 3.4.1 on page 46. ANDS {Rd,} Rn, Rm Bitwise AND N,Z 3.5.2 on page 56. ASRS {Rd,} Rm, <Rs|#imm> Arithmetic Shift Right N,Z,C 3.5.3 on page 57. B{cc} label Branch {conditionally} - 3.6.1 on page 66. BICS {Rd,} Rn, Rm Bit Clear N,Z 3.5.2 on page 56. BKPT #imm Breakpoint - 3.7.1 on page 69. BL label Branch with Link - 3.6.1 on page 66. BLX Rm Branch indirect with Link - 3.6.1 on page 66. BX Rm Branch indirect - 3.6.1 on page 66. CMN Rn, Rm Compare Negative N,Z,C,V 3.5.4 on page 59. CMP Rn, <Rm|#imm> Compare N,Z,C,V 3.5.4 on page 59. CPSID i Change Processor State, Disable Interrupts - 3.7.2 on page 70. CPSIE i Change Processor State, Enable Interrupts - 3.7.2 on page 70. DMB - Data Memory Barrier - 3.7.3 on page 71. DSB - Data Synchronization Barrier - 3.7.4 on page 72. EORS {Rd,} Rn, Rm Exclusive OR N,Z 3.5.2 on page 56. |