công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0851 bảng dữ liệu(PDF) 151 Page - STMicroelectronics

tên linh kiện UM0851
Giải thích chi tiết về linh kiện  SPEAr is a family of highly customizable ARM-based embedded
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0851 bảng dữ liệu(HTML) 151 Page - STMicroelectronics

Back Button UM0851 Datasheet HTML 147Page - STMicroelectronics UM0851 Datasheet HTML 148Page - STMicroelectronics UM0851 Datasheet HTML 149Page - STMicroelectronics UM0851 Datasheet HTML 150Page - STMicroelectronics UM0851 Datasheet HTML 151Page - STMicroelectronics UM0851 Datasheet HTML 152Page - STMicroelectronics UM0851 Datasheet HTML 153Page - STMicroelectronics UM0851 Datasheet HTML 154Page - STMicroelectronics UM0851 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 245 page
background image
UM0851
Non-volatile memory device drivers
Doc ID 16604 Rev 2
151/245
5.3.8
References
●
http://www.linux-mtd.infradead.org/tech/mtdnand/index.html
●
MTD source code under directory "drivers/mtd/" for Linux 2.6.27
●
SPEAr NOR Flash device driver (drivers/mtd/devices/spr_nor_st.c)
●
http://www.linux-mtd.infradead.org/index.html
5.4
USB mass storage support
Non-volatile memories, such as data flashes or magnetic hard disk, can be plugged to
SPEAr and accessed using the USB mass storage device class.
Please refer to Section 4.3: USB Host for more details.
5.5
I2C and SPI memory device support
Sometimes small size and cheap non-volatile memories are a proper solution for an
embedded application.
Please refer to Section 4.5: I2C driver and Section 4.6: SPI driver.
5.6
SD/MMC memory support
SPEAr300 supports SD/MMC memory cards accessible through an SD/SDIO/MMC stack.
Please refer to Section 4.7: SDIO driver for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More