| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0851 bảng dữ liệu(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 bảng dữ liệu(HTML) 67 Page - STMicroelectronics |
|
67 / 245 page ![]() UM0851 Communication device drivers Doc ID 16604 Rev 2 67/245 Figure 14. USB Host performance at buffer length=4096 4.3.5 Kernel configuration options To ensure proper USB support for your devices, you need to enable some of the options in the kernel. The following table shows the configuration options. 320 32000 0.959063 273.3334515 0.933094 280.9406126 400 40000 1.160719 282.3077765 1.160719 282.3077765 Table 20. USB Host device performance results (continued) BlkSize (KB) Data Size (KB) BulkOUT time (s) BulkOUT throughput (Mbps) BulkIN time (s) BulkIN throughput (Mbps) Table 21. USB host configurations Configuration option Comment CONFIG_USB_SUPPORT This option adds core support for USB bus. CONFIG_ USB Enable this option if your system has the host side bus and you want to use USB devices and also see your USB devices in /proc/bus/usb. This is recommended. CONFIG_ USB_DEVICES If you enable this option, you will get a file /proc/bus/usb/devices which lists the devices currently connected to your USB bus or buses, and a file named "/proc/bus/usb/xxx/yyy" for every connected device, where xxx is the bus number and yyy the device number. CONFIG_ USB_EHCI_HCD Since the USB Host controller supports USB2.0, enable this option to configure the Host controller driver. EHCI is standard for USB 2.0 high-speed host control hardware. |