| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0851 bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 245 page ![]() UM0851 Linux OS and device driver general information Doc ID 16604 Rev 2 23/245 2 Linux OS and device driver general information Linux coming with the LSP v2.3, which is based on kernel version 2.6.27, is licensed under GPLv2 and distributed in full source code. LSP v2.3 supports the following features of Linux: ● Patch for YAFFS file system support over NAND ● Support for high resolution timer ● All drivers integrated into standard Linux device model LSP v2.3 incorporates the following SPEAr specific set of drivers: Table 9. LSP v2.3 device drivers Section name Driver name SPEAr MPU Platform section General purpose timer (GPT) driver All Platform section Vector interrupt controller (VIC) driver All Platform section Real time clock (RTC) driver All Communication device drivers GMAC Ethernet driver All Communication device drivers MACB (MAC block) driver SP310, SP320 Communication device drivers USB Host All Communication device drivers USB Device All Communication device drivers I2C driver All Communication device drivers SPI driver All Communication device drivers SDIO driver SP300, SP320 Communication device drivers UART driver All Communication device drivers CAN driver SP320 Communication device drivers HDLC driver SP310 Non-volatile memory device drivers NAND Flash driver All Non-volatile memory device drivers EMI interface driver All Non-volatile memory device drivers Serial NOR Flash driver All Non-volatile memory device drivers USB mass storage support All Non-volatile memory device drivers I2C and SPI memory device support All Non-volatile memory device drivers SD/MMC memory supportt SP300 Accelerator engine device drivers JPEG driver All |