| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0851 bảng dữ liệu(PDF) 150 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0851 bảng dữ liệu(HTML) 150 Page - STMicroelectronics |
|
150 / 245 page ![]() Non-volatile memory device drivers UM0851 150/245 Doc ID 16604 Rev 2 Figure 39. NOR memory performance 5.3.7 Configuration options Table 42. Serial NOR menuconfig options Configuration option Comment CONFIG_MTD_NOR_SPEAR This option is used to enable the NOR driver support CONFIG_MTD_PARTITIONS This option enables multiple 'partitions', each of which appears to the user as a separate MTD device CONFIG_MTD_CMDLINE_PARTS This option will make the driver to look for command line dynamic partition. If not found then driver will go for static partition. CONFIG_MTD_CONCAT Support for concatenating several MTD devices into a single (virtual) one. This allows you to have -for example- a JFFS2 file system spanning multiple physical Flash chips. CONFIG_MTD_CHAR This provides a character device for each MTD device present in the system, allowing the user to read and write directly to the memory chips, and also use ioctl() to obtain information about the device, or to erase parts of it. CONFIG_MTD_BLOCK Although most Flash chips have an erase size too large to be useful as block devices, it is possible to use MTD devices which are based on RAM chips in this manner. This block device is a user of MTD devices performing that function. |