công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMDFB bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp

tên linh kiện R5F364AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMDFB bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp

Back Button R5F364AMDFB Datasheet HTML 19Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 20Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 21Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 22Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 23Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 24Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 25Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 26Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 23 of 88
Feb 07, 2011
M16C/64A Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.4
SFR Information (4) (1)
Address
Register
Symbol
Reset Value
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
DMA2 Interrupt Control Register
DM2IC
XXXX X000b
006Ah
DMA3 Interrupt Control Register
DM3IC
XXXX X000b
006Bh
UART5 Bus Collision Detection Interrupt Control Register
CEC1 Interrupt Control Register
U5BCNIC
CEC1IC
XXXX X000b
006Ch
UART5 Transmit Interrupt Control Register
CEC2 Interrupt Control Register
S5TIC
CEC2IC
XXXX X000b
006Dh
UART5 Receive Interrupt Control Register
S5RIC
XXXX X000b
006Eh
UART6 Bus Collision Detection Interrupt Control Register
Real-Time Clock Periodic Interrupt Control Register
U6BCNIC
RTCTIC
XXXX X000b
006Fh
UART6 Transmit Interrupt Control Register
Real-Time Clock Compare Interrupt Control Register
S6TIC
RTCCIC
XXXX X000b
0070h
UART6 Receive Interrupt Control Register
S6RIC
XXXX X000b
0071h
UART7 Bus Collision Detection Interrupt Control Register
Remote Control Signal Receiver 0 Interrupt Control Register
U7BCNIC
PMC0IC
XXXX X000b
0072h
UART7 Transmit Interrupt Control Register
Remote Control Signal Receiver 1 Interrupt Control Register
S7TIC
PMC1IC
XXXX X000b
0073h
UART7 Receive Interrupt Control Register
S7RIC
XXXX X000b
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
I2C-bus Interface Interrupt Control Register
IICIC
XXXX X000b
007Ch
SCL/SDA Interrupt Control Register
SCLDAIC
XXXX X000b
007Dh
007Eh
007Fh
0080h to
017Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com