công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMDFB bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp

tên linh kiện R5F364AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMDFB bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp

Back Button R5F364AMDFB Datasheet HTML 13Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 14Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 15Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 16Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 17Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 18Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 19Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 20Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 17 of 88
Feb 07, 2011
M16C/64A Group
3. Address Space
3.
Address Space
3.1
Address Space
The M16C/64A Group has a 1 MB address space from 00000h to FFFFFh. Address space is expandable to
4 MB with the memory area expansion function. Addresses 40000h to BFFFFh can be used as external
areas from bank 0 to bank 7. Figure 3.1 shows the Address Space. Areas that can be accessed vary
depending on processor mode and the status of each control bit.
Figure 3.1
Address Space
Bank 7
Bank 6
Bank 5
Bank 4
Bank 3
Bank 2
Bank 1
In 4 MB mode
Internal RAM
Reserved area
00000h
0D000h
SFR
00400h
SFR
0D800h
Internal ROM
(data flash)
0E000h
Internal ROM
(program ROM 2)
10000h
Reserved area
Internal ROM
(program ROM 1)
14000h
FFFFFh
Reserved area
28000h
27000h
External area
External area
External area
40000h
BFFFFh
Bank 0
04000h
External area
The internal RAM is allocated
from address 00400h higher.
Program ROM 1 is allocated from
address FFFFFh lower.
When data flash is enabled
When program ROM 2
is enabled
Memory expansion mode
1 MB
address space
512 KB
× 8
Notes:
1. Do not access reserved areas.
2. The figure above applies under the following condition:
- The PM13 bit in the PM1 register is 0
(addresses 04000h to 0CFFFh and 80000h to CFFFFh are used as external areas)
D0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com