công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMDFB bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện R5F364AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMDFB bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button R5F364AMDFB Datasheet HTML 9Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 10Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 11Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 12Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 13Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 14Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 15Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 16Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 13 of 88
Feb 07, 2011
M16C/64A Group
1. Overview
Table 1.8
Pin Functions for the 100-Pin Package (3/3)
Signal Name
Pin Name
I/O
Power
Supply
Description
UART0 to
UART2,
UART5 to
UART7
I2C mode
SDA0 to SDA2,
SDA5
I/O
VCC1
Serial data I/O.
SDA6, SDA7
I/O
VCC2
SCL0 to SCL2,
SCL5
I/O
VCC1
Transmit/receive clock I/O.
SCL6, SCL7
I/O
VCC2
Serial
interface
SI/O3, SI/O4
CLK3, CLK4
I/O
VCC1
Transmit/receive clock I/O.
SIN3, SIN4
I
VCC1
Serial data input.
SOUT3, SOUT4
O
VCC1
Serial data output.
Multi-master
I2C-bus
interface
SDAMM
I/O
VCC1
Serial data I/O (N-channel open drain output).
SCLMM
I/O
VCC1
Transmit/receive clock I/O (N-channel open drain output).
CEC I/O
CEC
I/O
VCC1
CEC I/O (N-channel open drain output).
Reference
voltage input
VREF
I
VCC1
Reference voltage input for the A/D and D/A converters.
A/D
converter
AN0 to AN7
I
VCC1
Analog input.
AN0_0 to AN0_7
AN2_0 to AN2_7
I
VCC2
ADTRG
I
VCC1
External trigger input.
ANEX0, ANEX1
I
VCC1
Extended analog input.
D/A
converter
DA0, DA1
O
VCC1
Output for the D/A converter.
I/O ports
P0_0 to P0_7
P1_0 to P1_7
P2_0 to P2_7
P3_0 to P3_7
P4_0 to P4_7
P5_0 to P5_7
I/O
VCC2
8-bit CMOS I/O ports. A direction register determines whether
each pin is used as an input port or an output port. A pull-up
resistor may be enabled or disabled for input ports in 4-bit
units.
P6_0 to P6_7
P7_0 to P7_7
P8_0 to P8_7
P9_0 to P9_7
P10_0 to P10_7
I/O
VCC1
8-bit I/O ports having equivalent functions to P0. However,
P7_0, P7_1, and P8_5 are N-channel open drain output ports.
No pull-up resistor is provided. P8_5 is an input port for
verifying the
NMI pin level and shares a pin with NMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92