công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMDFB bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện R5F364AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMDFB bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button R5F364AMDFB Datasheet HTML 15Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 16Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 17Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 18Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 19Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 20Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 21Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 22Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 19 of 88
Feb 07, 2011
M16C/64A Group
3. Address Space
3.3
Accessible Area in Each Mode
Areas that can be accessed vary depending on processor mode and the status of each control bit. Figure
3.3 shows the Accessible Area in Each Mode.
In single-chip mode, the SFRs, internal RAM, and internal ROM can be accessed.
In memory expansion mode, the SFRs, internal RAM, internal ROM, and external areas can be accessed.
Address space is expandable to 4 MB with the memory area expansion function.
In microprocessor mode, the SFRs, internal RAM, and external areas can be accessed. Address space is
expandable to 4 MB with the memory area expansion function. Allocate ROM to the fixed vector table
from FFFDCh to FFFFFh.
Figure 3.3
Accessible Area in Each Mode
Notes:
1. Do not access reserved areas.
2. The figure above applies under the following conditions:
Single-chip mode and memory expansion mode
- The PM10 bit in the PM1 register is 1
(addresses 0E000h to 0FFFFh are used as data flash)
- The PRG2C0 bit in the PRG2C register is 0 (program ROM 2 enabled)
- The PM13 bit in the PM1 register is 1
(all areas in internal RAM, and the program ROM 1 area from 80000h are usable)
Microprocessor mode
- The PM10 bit is 0 (addresses 0E000h to 0FFFFh are used as the CS2 area)
- The PRG2C0 bit is 1 (program ROM 2 disabled)
00000h
0D000h
00400h
0D800h
0E000h
10000h
14000h
FFFFFh
28000h
27000h
80000h
00000h
0D000h
00400h
0D800h
0E000h
10000h
14000h
FFFFFh
Single-Chip Mode
Memory Expansion Mode
00000h
0D000h
00400h
0D800h
FFFFFh
28000h
27000h
Microprocessor Mode
Internal ROM
(data flash)
Internal ROM
(program ROM 2)
Reserved area
Internal ROM
(program ROM 1)
Reserved area
External area
External area
External area
Internal RAM
Reserved area
SFR
SFR
Reserved area
External area
External area
Internal RAM
Reserved area
SFR
SFR
Reserved area
Internal RAM
Reserved area
SFR
SFR
Internal ROM
(data flash)
Internal ROM
(program ROM 2)
Internal ROM
(program ROM 1)
Reserved area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com