công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMDFB bảng dữ liệu(PDF) 81 Page - Renesas Technology Corp

tên linh kiện R5F364AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMDFB bảng dữ liệu(HTML) 81 Page - Renesas Technology Corp

Back Button R5F364AMDFB Datasheet HTML 77Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 78Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 79Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 80Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 81Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 82Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 83Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 84Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 81 of 88
Feb 07, 2011
M16C/64A Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
5.3.4
Switching Characteristics (Memory Expansion Mode and Microprocessor
Mode)
(VCC1 = VCC2 = 3 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.3.4.1
In No Wait State Setting
Notes:
1.
Calculated according to the BCLK frequency as follows:
f(BCLK) is 12.5 MHz or less.
2.
Calculated according to the BCLK frequency as follows:
3.
This standard value shows the timing when the output is off, and
does not show hold time of data bus.
Hold time of data bus varies with capacitor volume and pull-up
(pull-down) resistance value.
Hold time of data bus is expressed in
t =
−CR × ln(1 − V
OL/VCC2)
by a circuit of the right figure.
For example, when VOL = 0.2VCC2, C = 30 pF, R = 1 kΩ,
hold time of output low level is
t =
−30 pF × 1 kΩ × In(1 − 0.2V
CC2/VCC2)
= 6.7 ns.
Table 5.55
Memory Expansion and Microprocessor Modes (in No Wait State Setting)
Symbol
Parameter
Measuring
Condition
Standard
Unit
Min.
Max.
td(BCLK-AD)
Address output delay time
See
Figure 5.27
30
ns
th(BCLK-AD)
Address output hold time (in relation to BCLK)
0ns
th(RD-AD)
Address output hold time (in relation to RD)
0ns
th(WR-AD)
Address output hold time (in relation to WR)
(Note 2)
ns
td(BCLK-CS)
Chip select output delay time
30
ns
th(BCLK-CS)
Chip select output hold time (in relation to BCLK)
0ns
td(BCLK-ALE)
ALE signal output delay time
25
ns
th(BCLK-ALE)
ALE signal output hold time
−4ns
td(BCLK-RD)
RD signal output delay time
30
ns
th(BCLK-RD)
RD signal output hold time
0ns
td(BCLK-WR)
WR signal output delay time
30
ns
th(BCLK-WR)
WR signal output hold time
0ns
td(BCLK-DB)
Data output delay time (in relation to BCLK)
40
ns
th(BCLK-DB)
Data output hold time (in relation to BCLK) (3)
0ns
td(DB-WR)
Data output delay time (in relation to WR)
(Note 1)
ns
th(WR-DB)
Data output hold time (in relation to WR) (3)
(Note 2)
ns
0.5
10
9
×
f
BCLK
()
----------------------40 ns
[]
–
0.5
10
9
×
f
BCLK
()
----------------------10 ns
[]
–
DBi
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com