công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMDFB bảng dữ liệu(PDF) 44 Page - Renesas Technology Corp

tên linh kiện R5F364AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMDFB bảng dữ liệu(HTML) 44 Page - Renesas Technology Corp

Back Button R5F364AMDFB Datasheet HTML 40Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 41Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 42Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 43Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 44Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 45Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 46Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 47Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 44 of 88
Feb 07, 2011
M16C/64A Group
5. Electrical Characteristics
Notes:
1.
Use when AVCC = VCC1.
2.
When VCC1 ≥ VCC2, set as below:
Analog input voltage (AN0 to AN7, ANEX0, and ANEX1)
≤ V
CC1
Analog input voltage (AN0_0 to AN0_7 and AN2_0 to AN2_7)
≤ V
CC2.
3.
When analog input voltage is over reference voltage, the result of A/D conversion is 3FFh.
4.
Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input ports and
connect them to VSS. See Figure 5.2 “A/D Accuracy Measure Circuit”.
5.1.4
D/A Conversion Characteristics
Notes:
1.
This applies when using one D/A converter, with the D/A register for the unused D/A converter set to 00h.
2.
The current consumption of the A/D converter is not included. Also, the IVREF of the D/A converter will flow even
if the ADSTBY bit in the ADCON1 register is 0 (A/D operation stopped (standby)).
Table 5.6
A/D Conversion Characteristics (2/2) (1)
VCC1 = AVCC = 3.0 to 5.5 V ≥ VCC2 ≥ VREF, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise
specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
φAD
A/D operating clock
frequency
AN0 to AN7 input,
ANEX0 to ANEX1
input
4.0 V
≤ V
CC1 ≤ 5.5 V
2
25
MHz
3.2 V
≤ V
CC1 ≤ 4.0 V
2
16
MHz
3.0 V
≤ V
CC1 ≤ 3.2 V
2
10
MHz
AN0_0 to AN0_7
input, AN2_0 to
AN2_7 input
4.0 V
≤ V
CC2 ≤ 5.5 V
2
25
MHz
3.2 V
≤ V
CC2 ≤ 4.0 V
2
16
MHz
3.0 V
≤ V
CC2 ≤ 3.2 V
2
10
MHz
-
Tolerance level impedance
3
k
Ω
DNL
Differential non-linearity error
(4)
±1
LSB
-
Offset error
(4)
±3
LSB
-
Gain error
(4)
±3
LSB
tCONV
10-bit conversion time
VCC1 = 5 V, φAD = 25 MHz
1.60
μs
tSAMP
Sampling time
0.60
μs
VREF
Reference voltage
3.0
VCC1
V
VIA
Analog input voltage (2), (3)
0VREF
V
Table 5.7
D/A Conversion Characteristics
VCC1 = AVCC = VREF = 3.0 to 5.5 V, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
-
Resolution
8Bits
-
Absolute Accuracy
2.5
LSB
tSU
Setup Time
3
μs
RO
Output Resistance
56
8.2
k
Ω
IVREF
Reference Power Supply Input Current
See Notes 1 and 2
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com