công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMDFB bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện R5F364AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMDFB bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button R5F364AMDFB Datasheet HTML 29Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 30Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 31Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 32Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 33Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 34Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 35Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 36Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
R01DS0032EJ0200 Rev.2.00
Page 33 of 88
Feb 07, 2011
M16C/64A Group
4. Special Function Registers (SFRs)
Notes:
1.
The blank areas are reserved. No access is allowed.
2.
Values after hardware reset, power-on reset, or voltage monitor 0 reset are as follows:
- 00000000b when a low-level signal is input to the CNVSS pin
- 00000010b when a high-level signal is input to the CNVSS pin
Values after voltage monitor 1 reset, voltage monitor 2 reset, software reset, watchdog timer reset, or oscillation stop
detect reset are as follows:
- 00000000b when bits PM01 and PM00 in the PM0 register are 00b (single-chip mode).
- 00000010b when bits PM01 and PM00 in the PM0 register are 01b (memory expansion mode) or 11b
(microprocessor mode).
3.
When the CSPROINI bit in the OFS1 address is 0, the reset value is 10000000b.
Table 4.14
SFR Information (14) (1)
Address
Register
Symbol
Reset Value
0360h
Pull-Up Control Register 0
PUR0
00h
0361h
Pull-Up Control Register 1
PUR1
0000 0000b (2)
0000 0010b
0362h
Pull-Up Control Register 2
PUR2
00h
0363h
0364h
0365h
0366h
Port Control Register
PCR
0000 0XX0b
0367h
0368h
0369h
NMI/SD Digital Filter Register
NMIDF
XXXX X000b
036Ah
036Bh
036Ch
036Dh
036Eh
036Fh
0370h
PWM Control Register 0
PWMCON0
00h
0371h
0372h
PWM0 Prescaler
PWMPRE0
00h
0373h
PWM0 Register
PWMREG0
00h
0374h
PWM1 Prescaler
PWMPRE1
00h
0375h
PWM1 Register
PWMREG1
00h
0376h
PWM Control Register 1
PWMCON1
00h
0377h
0378h
0379h
037Ah
037Bh
037Ch
Count Source Protection Mode Register
CSPR
00h (3)
037Dh
Watchdog Timer Refresh Register
WDTR
XXh
037Eh
Watchdog Timer Start Register
WDTS
XXh
037Fh
Watchdog Timer Control Register
WDC
00XX XXXXb
0380h to
038Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com