công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F364AMDFB bảng dữ liệu(PDF) 90 Page - Renesas Technology Corp

tên linh kiện R5F364AMDFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F364AMDFB bảng dữ liệu(HTML) 90 Page - Renesas Technology Corp

Back Button R5F364AMDFB Datasheet HTML 84Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 85Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 86Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 87Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 88Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 89Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 90Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 91Page - Renesas Technology Corp R5F364AMDFB Datasheet HTML 92Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
A - 2
2.00
Feb 07, 2011
Address Space
18
Figure 3.2 Memory Map:
• Added the address of 384 KB version.
• Added note 1 and 3 to the reserved areas.
Special Function Registers (SFRs)
20
Table 4.1 SFR Information (1) (1):
• Deleted “the VCR1 register, the VCR2 register” from note 2.
• Deleted notes 5 to 6 and added note 5.
21
Table 4.2 SFR Information (2) (1): Deleted notes 2 to 7 and added note 2.
38
4.2.1 Register Settings: Added the description regarding read-modify-write instructions.
39
Table 4.20 Read-Modify-Write Instructions: Added.
Electrical Characteristics
40
Table 5.1 Absolute Maximum Ratings:
Added a row for the data area value to Topr (Flash program erase).
41
Table 5.2 Recommended Operating Conditions (1/3):
Added rows for the CEC value to VCC1, VCC2, VIH, and VIL.
45
Table 5.9 Flash Memory (Program ROM 1, 2) Electrical Characteristics:
Added a condition to the Read voltage row.
48
Table 5.14 Power-On Reset Circuit:
• Added the tw(por) row.
• Added the last line in note 1.
48
Figure 5.3 Power-On Reset Circuit Electrical Characteristics: Deleted note 2.
52
Table 5.18 Electrical Characteristics (2) (1): Added “ZP, IDU, IDV, IDW” to the VT+-VT- row.
54
Table 5.20 Electrical Characteristics (4): Added new part numbers above the table.
60, 78
Table 5.33 and Table 5.53 Multi-master I2C-bus: Added.
61
Table 5.34 Memory Expansion Mode and Microprocessor Mode:
Changed
RDY input setup time from 30.
61 to 68,
79 to 86
Table 5.34 to Table 5.37 and Table 5.54 to Table 5.57 Memory Expansion Mode and
Microprocessor Mode:
Deleted the following:
•
HOLD input setup time
•
HOLD input hold time
•
HLDA output delay time
62, 80
Figure 5.13 and Figure 5.26 Timing Diagram:
Deleted lower figure (Common to wait state and no wait state settings).
70
Table 5.38 Electrical Characteristics (1) (1):
• Added rows for the CEC value to Leakage current in powered-off state, VT+-VT-, and
VOL.
• Added “ZP, IDU, IDV, IDW” to the VT+-VT- row.
71
Table 5.39 Electrical Characteristics (2): Changed “VCC1 = 5.0 V” to "VCC1 = 3.0 V" in the
During flash memory program and During flash memory erase rows.
72
Table 5.40 Electrical Characteristics (3):
• Added new part numbers above the table.
• Changed “VCC1 = 5.0 V” to "VCC1 = 3.0 V" in the During flash memory program and
During flash memory erase rows.
79
Table 5.54 Memory Expansion Mode and Microprocessor Mode:
Changed
RDY input setup time from 40.
REVISION HISTORY
M16C/64A Group Datasheet
Rev.
Date
Description
Page
Summary
All trademarks and registered trademarks are the property of their respective owners.
IEBus is a registered trademark of NEC Electronics Corporation.
HDMI and High-Definition Multimedia Interface are registered trademarks of HDMI Licensing, LLC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com