công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OR3LP26B bảng dữ liệu(PDF) 157 Page - Agere Systems

tên linh kiện OR3LP26B
Giải thích chi tiết về linh kiện  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

OR3LP26B bảng dữ liệu(HTML) 157 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 153Page - Agere Systems OR3LP26B Datasheet HTML 154Page - Agere Systems OR3LP26B Datasheet HTML 155Page - Agere Systems OR3LP26B Datasheet HTML 156Page - Agere Systems OR3LP26B Datasheet HTML 157Page - Agere Systems OR3LP26B Datasheet HTML 158Page - Agere Systems OR3LP26B Datasheet HTML 159Page - Agere Systems OR3LP26B Datasheet HTML 160Page - Agere Systems OR3LP26B Datasheet HTML 161Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 184 page
background image
Lucent Technologies Inc.
157
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Pin Information (continued)
Table 70. Pinout Information (continued)
* These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi-
tion of the power pad relative to nearby signal pads.
† Pins marked No Connect must be left unconnected.
‡ These pins are connected to a power plane in the package rather than to a particular pad.
OR3LP26B Pad
Function
PBGA 352
PBGAM 680
PL15B
I/O
P1
V2
PL15A
I/O-MPI_RW
N3
V3
VSS
VSS
VSS*VSS*
PL16D
I/O-MPI_ACK
R2
V4
PL16C
I/O
—
V5
PL16B
I/O
—
W1
PL16A
I/O
P3
W2
PL17D
I/O
R1
W4
PL17C
I/O
—
W5
PL17B
I/O
—
Y1
PL17A
I/O-MPI_BI
T2
Y2
VSS
VSS
VSS*VSS*
PL18D
I/O
R3
Y4
PL18C
I/O
—
Y5
PL18B
I/O
—
AA1
PL18A
I/O-SECKLL
T1
AA2
PL19D
No Connect†
R4
AA3
PL19C
No Connect†
—AA4
PL19B
No Connect†
—AA5
PL19A
I/O-MPI_IRQ
U2
AB1
VDD
VDD
VDD*VDD*
PL20D
No Connect†
T3
AB2
PL20C
No Connect†
U1
AB3
PL20B
No Connect†
U4
—
VDD2VDD2—
VDD2
PL20A
No Connect†
V2
AB4
PL21D
VDD
U3
AB5
PL21C
VSS
V1
AC1
PL21B
VSS
W2
AC2
PL21A
intan
W1
AC4
VSS
VSS
VSS*VSS*
PL22D
rstn
V3
AC5
PL22C
gntn
Y2
AD1
PL22B
No Connect†
—AD2
PL22A
No Connect†
—AD4
PL23D
reqn
W4
AD5
PL23C
No Connect†
—AE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More