công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OR3LP26B bảng dữ liệu(PDF) 15 Page - Agere Systems

tên linh kiện OR3LP26B
Giải thích chi tiết về linh kiện  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

OR3LP26B bảng dữ liệu(HTML) 15 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 11Page - Agere Systems OR3LP26B Datasheet HTML 12Page - Agere Systems OR3LP26B Datasheet HTML 13Page - Agere Systems OR3LP26B Datasheet HTML 14Page - Agere Systems OR3LP26B Datasheet HTML 15Page - Agere Systems OR3LP26B Datasheet HTML 16Page - Agere Systems OR3LP26B Datasheet HTML 17Page - Agere Systems OR3LP26B Datasheet HTML 18Page - Agere Systems OR3LP26B Datasheet HTML 19Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 184 page
background image
Lucent Technologies Inc.
15
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
PCI Bus Core Detailed Description (continued)
Table 4. PCI Bus Command Descriptions (continued)
Command
Code
(Binary
)
Command
Master
Generates
Target
Accepts
Description
0111
Memory
Write
√√
Fully implemented.
Target: Writes are posted, bursting is allowed, and no wait-states
are generated.
Master: Bursting is allowed, and no wait-states are generated.
1000
(reserved)
—
—
Target ignores, per PCI Specification section 3.1.1.
1001
(reserved)
—
—
Target ignores, per PCI Specification section 3.1.1.
1010
Configura-
tion Read
√√
Fully implemented.
Target: Bursting is disallowed, and no wait-states are generated.
Target disconnects with data on first data word. The FPGA portion
of the device is not involved in Target configuration transactions.
Master: Bursting is allowed, and no wait-states are generated.
1011
Configura-
tion Write
√√
Fully implemented.
Target: Bursting is disallowed, and no wait-states are generated.
Target disconnects with data on first data word. The FPGA portion
of the device is not involved in Target configuration transactions.
Master: Bursting is allowed, and no wait-states are generated.
1100
Memory
Read
Multiple
√√
Fully implemented. Both the Master and the Target treat this
instruction the same as a memory read (0110); the user’s FPGA
logic is responsible for ensuring that the Master operation meets
the special requirement that the read request ends on a cacheline
boundary.
1101
Dual
Access
Cycle
√√
Fully implemented. Per PCI Specification section 3.9, the PCI core
will automatically convert a 64-bit address to a 32-bit address if
the upper 32 bits are all zeros.
1110
Memory
Read Line
√√
Fully implemented. Both the Master and the Target treat this
instruction the same as a memory read (0110); the user’s FPGA
logic is responsible for ensuring that the Master operation meets
the special requirement that the read request continues to the next
cacheline boundary.
1111
Memory
Write and
Invalidate
√√
Fully implemented. Both the Master and the Target treat this
instruction the same as a memory write (0111); the user’s FPGA
logic is responsible for ensuring that the Master operation meets
the special requirement that writes of complete cachelines, with all
byte enables, are performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com