| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OR3LP26B bảng dữ liệu(PDF) 160 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B bảng dữ liệu(HTML) 160 Page - Agere Systems |
|
160 / 184 page ![]() ORCA OR3LP26B FPSC Data Sheet Embedded Master/Target PCI Interface March 2000 160 Lucent Technologies Inc. Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information (continued) * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 PB10B No Connect† —AP13 PB10C No Connect† —AK14 PB10D ad5 AC10 AL14 PB11A ad4 AE11 AM14 PB11B No Connect† —AN14 PB11C No Connect† —AP14 PB11D ad3 AD10 AK15 VDD VDD VDD*VDD* PB12A ad2 AF11 AL15 PB12B No Connect† —AN15 PB12C No Connect† —AP15 PB12D ad1 AE12 AK16 PB13A ad0 AF12 AL16 PB13B No Connect† —AN16 PB13C No Connect† —AP16 PB13D framen AD11 AK17 VSS VSS VSS*VSS* PB14A No Connect† AE13 — VDD2VDD2— VDD2 PB14B irdyn AC12 AM17 PB14C trdyn AF13 AP17 PB14D devseln AD12 AP18 VSS VSS VSS*VSS* PECKB clk AE14 AN18 PB15A — — — PB15B stopn AC14 AM18 PB15C ack64n AF14 AL18 PB15D req64n AD13 AK18 VSS VSS VSS*VSS* PB16A — — — VDD2VDD2AE15 VDD2 PB16B No Connect† —AP19 PB16C No Connect† —AN19 PB16D c_be7n AD14 AL19 PB17A c_be6n AF15 AK19 PB17B No Connect† —AP20 PB17C No Connect† —AN20 PB17D c_be5n AE16 AL20 |