| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017 bảng dữ liệu(PDF) 17 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 bảng dữ liệu(HTML) 17 Page - ITT Industries |
|
17 / 120 page ![]() ARINC 600 BKAD/E/F Sizes 1 Coax Contacts (71W1 layout only) 17 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Same standard coax contacts as used in ITT’s DPX (ARINC 404) connector series. Cable Accommodation RG-9/U RG-214/U NSA 935354 NSA 935355 RG-55/U RG-58/U RG-142/U RG-400/U RG-58/U RG-142/U RG-225/U RG-402/U UT-141 RG-402/U UT-141 SMA Jack Termination Coax Part Number 249-1521-000 249-1521-002 021-0144-000 021-0144-003 021-0144-006 021-0144-001 249-2201-000 249-1554-002 249-1604-003 249-5027-016 - 249-1554-000 249-1604-001 249-1604-002 249-5027-008 249-5027-017 Style Straight Straight Straight -- 90˚ Replacement Coax Termination Kit Replacement Coax Body Assembly Cable Accommodation RG-9/U NSA 935354 NSA 935355 RG-58/U RG-142/U RG-402/U RG-214/U RG-115/U Cable Accommodation Cable Accommodation Standard Size 1 Part Number 349-0017-000 349-1053-003 349-1053-007 349-1053-006 349-1053-008 349-1053-005 349-1053-004 349-1053-003 349-1053-002 349-1053-001 349-1053-000 - - - 320-1066-000 Straight Straight Straight Straight Straight Straight Straight Straight Straight Straight Straight 320-1066-003 320-1066-006 320-1066-005 - 320-1066-002 - 320-1066-001 320-1066-004 - - - - 349-0017-000 349-0017-000 349-0018-000 349-0005-000 349-0007-000 - - - - - - - Modular Size 1 Part Number Style Termination Kit for Modular Size 1 Coax Part Number RG-142B/U RG-214/U RG-393/U BA-6903 5012H3012 (Raychem) RG-142B/U RG-402/U UT-141 AA-5888 ECS-310801 ECS-311201 AA-5886 AA-5887 Adam Russell PC-38 BSX-7004-502 RG-402/U UT-141 SMA Jack Termination RG-214/U RG-393/U BA-6903 (BG) 5012H3012 (Raychem) RG-142B/U RG-402/U UT-141 Style Right Angle Right Angle Straight Straight Straight Straight Straight 349-0021-000 349-0022-000 349-0023-000 349-0002-000 349-0004-000 349-0006-000 349-0008-000 Designed to be interchangeable with contacts made by other manufacturers. Coax Part Number 249-1522-000 249-1522-010 249-2202-000 021-0144-004 021-0144-008 021-0144-011 320-0051-000 249-5027-013 249-5027-015 249-1882-000 249-1885-002 249-5123-000 249-5123-001 - Style Straight Straight Straight Replacement Coax Termination Kit Replacement Coax Body Assembly Receptacle Connector Plug Connector Receptacle ConnectorPlug Connector 249-1882-001 349-1052-003 TNC Sizes 1 Coax Contacts (To be used with connectors containing 71W1A, 71W1B and 2W2 insert modifier-"M") |