công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

22017 bảng dữ liệu(PDF) 31 Page - ITT Industries

tên linh kiện 22017
Giải thích chi tiết về linh kiện  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 bảng dữ liệu(HTML) 31 Page - ITT Industries

Back Button 22017 Datasheet HTML 27Page - ITT Industries 22017 Datasheet HTML 28Page - ITT Industries 22017 Datasheet HTML 29Page - ITT Industries 22017 Datasheet HTML 30Page - ITT Industries 22017 Datasheet HTML 31Page - ITT Industries 22017 Datasheet HTML 32Page - ITT Industries 22017 Datasheet HTML 33Page - ITT Industries 22017 Datasheet HTML 34Page - ITT Industries 22017 Datasheet HTML 35Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
MIL-C-81659
DPXNA/DPXNE
Panel Cutouts
31
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
DPXB
-33 Front Mount
-34 Front Mount
-34 Rear Mount
-33 Rear Mount
-34B Rear Mount
-34B Front Mount
-33B Front Mount
Front Mount
Rear Mount
All tolerance +_ .015 (0.38) unless other wise noted.
-33B Rear Mount
OF
INSERT
1.437
(36.50)
.718
(18.24)
1.350
(34.30)
1.720
(43.70)
.720
(18.29)
.120 (3.05) DIA.
4 HOLES
1.720
(43.69)
.561
(14.25)
.125 R. TYP.
(3.18)
.125 R.
TYP
1.720
.720
1.437
.718
.120 DIA.
4 HOLES
OF INSERT
OF INSERT
1.44
.58
.26
1.25
1.78
1.720
(43.70)
.720
(18.29)
1.25
(3.18)
1.78 (4.52)
1.437
(36.50)
.718
(18.24)
1.440
(3.66)
.580
(14.73)
.260 (6.60)
.120 (3.05) DIA.
4 HOLES
.120 (3.05) DIA.
4 HOLES
.120 (3.05) DIA.
4 HOLES
.120 (3.05) DIA.
6 HOLES
.120 (3.05) DIA.
6 HOLES
1.437
(36.50)
1.437
(36.50)
1.437
(36.50)
1.437
(36.50)
3.740
(95.00)
3.740
(95.00)
3.220
(81.79)
1.260
(30.00)
2.013
(51.13)
2.013
(51.13)
4.026
(102.26)
4.026
(102.26)
1.780
(45.21)
1.780
(45.21)
.718
(18.24)
.718
(18.24)
1.391
(35.33)
1.391
(35.33)
2.500
(63.50)
2.500
(63.50)
1.970
(50.04)
2.783
(70.69)
2.783
(70.69)
1.260
(32.00)
1.780
(45.21)
1.780
(45.21)
.718 (18.24)
.718 (18.24)
.125 R. TYP.
(3.18)
.156 R. TYP.
(3.96)
.120(3.05) DIA. 6 HOLES
OMIT CENTER
HOLES FOR - 33B
.125 R. TYP.
(3.18)
1.720 (43.70)
2.460
(62.50)
2.783
(70.69)
1.391
(35.33)
.718
(18.24)
1.437
(36.50)
For - 23 float mtg. mod. 1.78 (45.21)
1
1
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
DPX2
DPX3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More