| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017 bảng dữ liệu(PDF) 90 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 bảng dữ liệu(HTML) 90 Page - ITT Industries |
|
90 / 120 page ![]() Mounting Styles Figure 1. Figure 2. Figure 3. PG, SG PC, PF, SF, SX, PX, SK Mounting Styles Mounting Styles MIL-C-83733 Part No./ Mounting Style DPK Mounting Styles Figure Ref. Shell Size A A ± .004(± 0.10) B ± .005(± 0.13) D ± .005(± 0.13) E 12 E Shell Size B Shell Size A Shell Size B Shell Size A Shell Size B Shell Size A Shell Size B Shell Size A Shell Size B SH, SM PM, PH, PZ M83733/1/5/6 M83733/2 M83733/3 M83733/4 M8733/7 M83733/8 M83733/9/10/11 M83733/12 N/A 1 1 1 1 1 1 2 3 1 2.578 (65.48) 2.578 (65.48) 2.578 (65.48) 2.578 (65.48) 2.578 (65.48) 2.578 (65.48) 2.578 (65.48) 2.578 (65.48) 2.578 (65.48) 3.875 (98.43) 3.875 (98.43) 3.875 (98.43) 3.875 (98.43) 3.875 (98.43) 3.875 (98.43) 3.875 (98.43) 3.875 (98.43) 3.875 (98.43) 2.103 (51.13) 2.103 (51.13) 2.103 (51.13) 2.167 (55.04) 2.167 (55.04) 2.167 (55.04) 2.167 (55.04) 2.095 (53.21) 2.103 (51.13) 3.400 (86.36) 3.465 (88.01) 3.465 (88.01) 3.465 (88.01) 3.465 (88.01) 3.465 (88.01) 3.465 (88.01) 3.400 (86.36) 3.465 (88.01) 1.022 (25.96) 1.022 (25.96) 1.022 (25.96) 1.095 (27.81) 1.095 (27.81) 1.095 (27.81) 1.095 (27.81) 1.095 (27.81) 1.022 (25.96) 1.022 (25.96) 1.095 (27.81) 1.095 (27.81) 1.095 (27.81) 1.095 (27.81) 1.095 (27.81) 1.022 (25.96) 1.095 (27.81) 1.095 (27.81) .148 (3.76) .144 (3.66) .148 (3.76) .144 (3.66) .320 (8.13) .315 (8.00) .148 (3.76) .144 (3.66) .148 (3.76) .144 (3.66) .430 (10.92) .420 (10.67) - - .301 (7.65) .294 (7.45) .148 (3.76) .144 (3.66) .148 (3.76) .144 (3.66) .320 (8.13) .315 (8.00) .148 (3.76) .144 (3.66) .148 (3.76) .144 (3.66) .430 (10.92) .420 (10.67) - - .301 (7.65) .294 (7.45) .148 (3.76) .144 (3.66) .430 (10.92) .420 (10.67) .148 (3.76) .144 (3.66) .148 (3.76) .144 (3.66) .430 (10.92) .420 (10.67) .148 (3.76) .144 (3.66) - - .301 (7.65) .294 (7.45) .148 (3.76) .144 (3.66) .430 (10.92) .420 (10.67) .148 (3.76) .144 (3.66) .148 (3.76) .144 (3.66) .430 (10.92) .420 (10.67) .148 (3.76) .144 (3.66) - - .301 (7.65) .294 (7.45) PG, SG, PC, PF,SF SX PX SK SY PY PM, PH PZ SH, SM S*A, S*B, P*A, P*B SY,PY S*A, S*B P*A, P*B A A A B B B D E 2 2 1 1 E E E .562 ± .004 (14.28 ± 0.10) .562 ± .004 (14.28 ± 0.10) .562 ± .004 (14.28 ± 0.10) 1.095 ± .005 (27.81 ± 0.13) 1.095 ± .005 (27.81 ± 0.13) .109 (2.77) MIN. .109 MIN. (2.77) .060 ± .010 RAD. (1.57 ± 0.25) TYP. 4 PLACES .060 ± .010 RAD. (1.57 ± 0.25) TYP. 4 PLACES .060 ± .010 RAD. (1.57 ± 0.25) TYP. 4 PLACES .146 ± .002 (3.71 ± 0.05) DIA THRU C'SUNK 100 ± 1 To .280 ± .005 (7.11 ± 0.13) DIA 2 PLACES .146 ± .002 (3.71 ± 0.05) DIA THRU C'SUNK 100 ± 1 To .280 ± .005 (7.11 ± 0.13) DIA 2 PLACES MIL-C-83733 DPK Panel Cutout Dimensions 90 www.ittcannon.com |