| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017 bảng dữ liệu(PDF) 57 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 bảng dữ liệu(HTML) 57 Page - ITT Industries |
|
57 / 120 page ![]() Rear Extension from insulator Contact type code A B C D I J K L M N O Part Number Pin 249-0672-000 .209 (5.31) .209 (5.31) .106 (2.69) DIA. .125 (3.18) DIA. .149 (3.78) DIA. .579 (14.71) .250 (6.35) DIA. .735 (18.67) .127 (3.23) DIA. .616 (15.65) .085 (2.16) DIA. .117 (2.97) .181 (4.60) .237 (6.02) 4.58 (11.63) * These coaxial contacts are supplied with the connector. .209 (5.31) .209 (5.31) .067 (1.70) DIA. 249-0671-000 RG-187/U RG-188/U C7A, B16C3, G25C3, C30C4, A32C2, L40C1 C7B, J25C3, C16C3, C32C2, 40C1 C7H, G16C3, F25C3, D32C2, F40C1 C7J, H16C3, H25C3, F32C2, E30C4, E40C1 10C3 A10C3 25C3, 32C2, J16C3, A40C1, C7, C7D A40C1 pin only, use C40C1 for socket. See Note 1 See Note 2 8 8 RG-180/U RG-195/U RG-55/U RG-58/U RG-223/U RG-55/U RG-58/U RG-223/U RG-187/U RG-188/U 7.5 amp #20 wire 13 amp #16 wire 23 amp #12 wire RG-59/U RG-7/U 249-0703-000 249-0750-000 249-0518-000 249-0353-000 249-0268-000 249-0591-000 024-0015-000 253-0120-000 330-0145-000 031-0016-008 031-0059-008 - 249-0702-000 249-0749-000 249-0365-000 249-0257-000 249-0583-000 024-0015-000 253-0120-000 330-0144-000 030-0056-010 030-0017-015 - - Socket Cable Accommodation Layout Accommodation ARINC 404 DPX Solder Coaxial/Power Contact Termination Data (Retained by Captive Insulator Assy.) 57 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change |