| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017 bảng dữ liệu(PDF) 91 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 bảng dữ liệu(HTML) 91 Page - ITT Industries |
|
91 / 120 page ![]() PLASTIC TYPE Installatoin of jackscrew and coupling nuts in mounting style A and B. Installatoin of mounting styles utilizing bushing and spring mount assemblies. BUSHING MOUNTING FIXED MS27400-2 MAY BE USED FOR MOUNTING BUSHING IS SELF-LOCKING RECOMMENDED SCREW #6-32UNC-2A (3/8 LONG) RECOMMENDED PANEL SPACING TO INSURE ENGAGEMENT FLANGE OF MATING RECEPTACLE WHEN FULLY ENGAGED POSITION OF SPRING ASSY. WHEN CONNECTORS ARE MATED RACK (REF.) RECOMMENDED PANEL SPACING TO INSURE FULL ENGAGEMENT PANEL (REF.) BUSHING MOUNTING FIXED MS24700-2 MAY BE USED FOR MOUNTING BUSING IS SELF-LOCKING RECOMMENEDED SCREW #6-32UNCA-2A (3/8 LONG) The axial forces required to fully mate or separated the plug and receptacle shall not exceed the values listed. Mating force at .390 (9.91) minimum spacing Shell Size Series Style Standard DPKA-60 DPKA-59 DKPB-60 DPKB-59 Receptacle Plug Receptacle Plug 025-0773-000 025-0772-000 025-0774-000 025-0758-000 025-0773-001 025-0772-001 025-0774-001 025-1195-000 Conductive DPKA DPKB Without mounting accessories A B 70 max. 95 max. Spring mounting For connectors using spring mounting, the mating forces become a function of the spring loading. Values listed apply to connectors mounted as specified above at minimum panel spacing. Maximum Normal 176 176 145 150 RECOMMENEDED SCREW #6-32UNCA-2A (3/8 LONG) WITH TEFLON PELLET (SELF - LOCKING) SPRING FLOAT MOUNTING ASSEMBLY MAY BE USED FOR MOUNTING SPRING, FLOAT MOUNTING ASSEMBLY MAY BE USED FOR MOUNTING MIL-C-83733/17 RECOMMENDED SCREW #6-32UNC-2A (3/8 LONG) WITH TEFLON PELLET (SELF-LOCKING) PANEL REF. PLUGS RECEPTACLES CORD-TO-CORD INSTALLATION NUT, COUPLING NUT, JAM SHELL (REF.) NUT, PANEL MTG. COUPLING SCREW WASHER, THRUST SHELL (REF.) RING, TRUARC RET. .040 (1.02) DIA. SAFETY WIRE HOLE PANEL MOUNTING MOUNTING PANELS (REF.) SHELL (REF.) SHELL (REF.) MOUNTING PANEL POSITIONS WHEN ENGAGED .532 +_ .008 (13.51 +_ .020) .445 +_ .055 (11.30 +_ 1.40) .281 +_ .005 (7.14 +_ 0.13) DIA. .111 +_ .008 - .007 (2.82 +_ .020 - 0.18) .445 +_ .055 (11.30 +_ 1.40) MIL-C-83733 DPK Mounting Assembly-Jackscrew/Coupling Nut 91 www.ittcannon.com Mounting Assembly-Bushing/Spring Mount Mating Forces Dust Covers |