công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

22017 bảng dữ liệu(PDF) 96 Page - ITT Industries

tên linh kiện 22017
Giải thích chi tiết về linh kiện  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 bảng dữ liệu(HTML) 96 Page - ITT Industries

Back Button 22017 Datasheet HTML 92Page - ITT Industries 22017 Datasheet HTML 93Page - ITT Industries 22017 Datasheet HTML 94Page - ITT Industries 22017 Datasheet HTML 95Page - ITT Industries 22017 Datasheet HTML 96Page - ITT Industries 22017 Datasheet HTML 97Page - ITT Industries 22017 Datasheet HTML 98Page - ITT Industries 22017 Datasheet HTML 99Page - ITT Industries 22017 Datasheet HTML 100Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 120 page
background image
Face view of pin insert
No. of contacts & Wire Size
Test Voltage AC (RMS)
No. of contacts & Wire Size
Test Voltage AC (RMS)
Arrangement also available with LITTLE CAESAR contact assembly and may be employed in any shell type.
*Termination codes - 3, - 6, - 11 utilize snap - in nonremovable coaxials which are supplied with the connector. These coaxials may be ordered separately when ordering the connectors without coaxials
(21W3 24W2 and 29W1 layouts).
*DPAMA coaxials purchased separately may be ordered under the following part numbers: Pin (Plug): 249-1741-000
Socket (receptacle): 249-9008-000
Crimp Tool: CA58073-0000
Extraction tool: CET-C11
NOTE: DPA snap in coaxials and DPAMA crimp coaxials are NOT interchangeable but are intermateable.
2
2 #4
2900
1
1
1
2
3
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
1
2
3
4
5
6
7
7
8
8
9
9
10
10
9
10
11
12
13
14
15
16
9
A1
A1
A1
A2
A3
A2
10
11
12
13
14
11
12
13
14
11
12
13
14
15
16
17
18
19
20
17
18
19
20
15
16
17
18
15
16
17
18
19
20
21
22
23
24
21
22
23
24
25
26
27
28
25
26
27
28
29
30
31
32
4
5
6
2
3
4
5
2
5
1 #4, 4 #14
2500
6
2 #8, 2 #12, 2 #20
2600 (5,6)
32
32 #20
1500
29C1
28 #20, 1 coax
1500 (1-28), 1000 (A1)
24C2
22 #20, 2 coax
1500 (1-22)
1000 (A1, A2)
21C3
18 #20, 3 coax
1500 (1-18)
1000 (A1, A2, A3)
DPA Coaxial Variations
Termination
Code
Variations of
Basic Arrangements
Coaxial
Type/Part Number
34 Shell
33 Shell
Max. Coaxial Extension
From Rear of Flange
1
A21C3
*21C3
B21C3
C21C3
D21C3
E21C3
F21C3
F21C3
H21C3
J21C3
21W3
21HV3
*24C2
D24C2
L24C2
P24C2
K24C2
N24C2
B24C2
C24C2
R24C2
H24C2
24W2
24HV2
*29C1
A29C1
C29C1
F29C1
K29C1
L29C1
M29C1
N29C1
P29C1
G29C1
29W1
29HV1
.953 (24.21)
.859 (21.82)
1.031 (26.91)
1.094 (27.79
1.047 (26.59)
1.218 (30.94)
1.094 (27.79)
1.094 (27.79)
1.125 (28.98)
1.218 (30.94)
Coaxials Not Supplied
1.062(26.98)
.453 (11.51)
.359 (9.12)
.500 (12.70)
.594 (15.09)
.561 (14.28)
.670 (17.02)
.594 (15.09)
.609 (15.47)
.625 (15.88)
.670 (17.02)
.554 (14.07)
FIXED
FIXED
P-249-5012-000
S-249-5008-000
FIXED
FIXED
P-249-5052-002
S-249-5051-001
P-249-5052-002
S-249-5051-001
FIXED
FIXED
FIXED
FIXED
2
3*
6*
4
5
7
8
9
10
11*
24W2
E24C2
29W1
B29C1
Coaxials Not Supplies*
Crimp Type for RG-58/U cable
-
1.239 (31.47)
-
.737 (18.72)
Variations of
Basic Arranements
Coaxial
Type/Part Number
34 Shell
Max. Coaxial Extension
From Rear of Flange
33 Shell
Miniature Rack and Panel
DPA
Contact Arrangements
96
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
DPAMA Coaxial Variations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More