| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017 bảng dữ liệu(PDF) 10 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 bảng dữ liệu(HTML) 10 Page - ITT Industries |
|
10 / 120 page ![]() ARINC 600 BKAD/E/F Contact Arrangements - Shell Size 1 10 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change BKAD/BKAE (Plug Rear face shown) BKAD/BKAE (Plug Rear face shown) REAR SURFACE WHITE ON BLUE TO INDICATE REAR RELEASE REAR REMOVAL CONTACTS ENGAGING END SURFACE WHITE ON RED TO INDICATE FRONT RELEASE FRONT REMOVAL CONTACTS **Pending ARINC release. NOTE: In layouts using #22 contacts mixed with any other contact size (20HD, 16, 12), the size #22 contact type (pin or socket) determines the insulator as a pin insert or a socket insert. (For Contact Cavity Location and Contact Cavity Identification refer to ARINC 600 or consult factory) REAR SURFACE WHITE ON BLUE TO INDICATE REAR RELEASE, REAR REMOVAL CONTACTS FOR INSERTS CONTAINING STANDARD SIGNAL & POWER CONTACTS (For Contact Cavity Location and Contact Cavity Identification refer to ARINC 600 or consult factory) 30T2 28 #22 2 #8 TWINAX/COAX (#8 Grounded to Shell) 60 60 #22 6** 6 #8 6T6** 6 #8 TRIAX (Metallic Insert) 13W2 4 #20, 4 #12, 3 #16 2 #5 COAX 24T4** 20 #20, 4 #8 TRIAX 100 100 #22 85 80 #22, 4 #20, 1 #16 59** 50 #22, 5 #16, 4 #12 34** 24 #20 HD, 10 #16 4 4 #12 5W2 1 #12 2 #16 2 #5 COAX 40 40 #22 60 60 #22 5W2 1 #12 2 #16 2 #5 COAX BKAF - Available Receptacle Shell Only (Front Release) Shell Cavity A or B Shell Cavity C or F Shell Cavity C Shell Cavity C Shell Cavity A or B 1 2 3 4 5 6 7 1T 2T A B B 2 3 4 5 6 7 8 9 10 11 12 13 14 15 2 3 4 5 6 7 8 9 10 2 1 3 4 5 6 7 8 9 10 2 1 3 4 5 6 7 8 2 3 4 5 6 7 8 2 3 4 5 2 1 1 7 13 19 25 30 6 12 18 24 29 34 3 4 5 51 52 53 54 55 56 57 58 59 6 7 8 9 10 2 1 3 4 5 6 7 8 9 10 11 12 13 14 15 CD B AC D B 1 1 43 21 1 3 B CD E F G H JK B CD E F G H JK B 12 34 5 CD E F G H JK B CD E F G H JK B A CDE F G H JK 5 62 4 7 9 14 15 21 23 24 22 20 8 6 87 5 10 9 11 13 12 2 2 3 3 4 4 5 5 6 6 CD 1 2 3 4 5 4 3 2 1 5 4 3 2 1 C B 2 3 4 5 6 7 8 9 10 11 12 13 14 15 2 3 4 5 6 7 8 9 10 11 12 13 14 15 CD B CD Contact Arrangements - Shell Sizes 2 and 3 |