| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017 bảng dữ liệu(PDF) 61 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 bảng dữ liệu(HTML) 61 Page - ITT Industries |
|
61 / 120 page ![]() CODE K K L U V AC AA AB AD AE AF AG CODE L CODE U CODE V, AC CODE AA, AB, AD, AE, AF, AG Arr. Used In Code Letter Cable Accommodation Contact Retention X Max. Y Dia. Z Dia. Extraction Tool Part Number* Crimp Tool X Y DIA. Z DIA. X Y DIA. Z DIA. .500 (12.70) X X Y DIA. Y DIA. Z DIA. Z DIA. X Y DIA. Z DIA. B16W3 25W3 32W2 40W1 B16W3 25W3 32W2 40W1 W8 10W3 W8 32W4 RG-178/U RG-196/U P-249-1384-000 S-249-1413-000 Ring Loc Ring Loc LITTLE CAESAR LITTLE CAESAR LITTLE CAESAR LITTLE CAESAR LITTLE CAESAR .575 (14.60) .260 (6.60) .800 (20.32) .800 (20.32) .425 (10.80) .518 (13.16) .906 (23.01) .045 (1.14) .035 (0.89) Solder Solder CET-C4 (038869-0004) CET-C4 (038869-0004) CET-C8 (038869-0004) CET 4-8 (323-7008-000) CET-C8 (323-7011-000) CCT-C10 Buchanan 612991 T & B #WT400 Daniels HX4-210 .098 (2.49) .088 (2.24) .098 (2.49) .088 (2.24) .117 (2.97) .107 (2.72) .356 (9.04) .349 (8.86) .356 (9.04) .349 (8.86) .126 (3.20) .122 (3.10) .168 (4.27) .158 (4.01) .045 (1.14) .035 (0.89) .069 (1.75) .059 (1.50) .260 (6.60) .254 (6.45) .205 (5.21) .199 (5.05) .088 (2.24) .084 (2.13) .114 (2.90) .104 (2.64) P-249-1386-000 S-249-1414-000 S-249-1883-000 P-249-1956-000 S-249-1957-000 S-249-1977-000 P-249-1968-000 P-249-1982-000 S-249-1983-000 P-249-2017-000 S-249-2018-001 P-249-2019-001 S-249-2020-001 P-249-1633-004 S-249-1634-003 P-249-2061-000 S-249-2062-001 RG-178/U RG-196/U RG-178/U RG-196/U RG-180/U RG-195/U RG-178/U RG-196/U RG-174/U, RG-187/U RG-179/U, RG-188/U RG-174/U, RG-187/U RG-179/U, RG-188/U RG-115/U RG-58/U RG-58/U RG-142/U ARINC 404 DPX*MA Crimp Coaxial Contacts 61 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change |