| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017 bảng dữ liệu(PDF) 48 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 bảng dữ liệu(HTML) 48 Page - ITT Industries |
|
48 / 120 page ![]() DPX2-33B DPX2-33F (Female) DPX2-34F (Female) DPX2-34M (Male) DPX2-33M (Male) DPX2-34B .988 +_.004 (25.10 +_ 0.10) 2.783 +_.005 (70.69 +_ 0.13) 2.468 +_.015 (62.69 +_ 0.38) .718 +_.005 (18.24 +_ 0.13) .720 +_.005 (18.29 +_ 0.13) 1.750 +_.015 (44.45 +_ 0.38) 3 POLARIZING KEYS .188 (4.78) R. TYP. .060 (1.52) .125 (3.18) 1.061 (26.95) All tolerances are +_ .015(0.38) unless other wise noted. 1.437 (32.50) REF 2.000 (50.80) 4 MTG. HOLES .120 (3.05) DIA. FOR #4-40 SCREWS .766 (19.46) .125 (3.18) MTG DATUM .954 (24.23) .3.075 (78.10) 2 HOLES .120 (3.05) DIA. FOR MTG. REF.ONLY 2.783 +_.005 (70.69 +_ 0.13) .718 +_.005 (18.24 +_ 0.13) .988 +_.005 (25.09 +_ 0.13) .375 +_.005 (9.52 +_ 0.13) 2.676 +_.016 (67.97 +_ 0.41) 2.062 +_.006 (52.38 +_ 0.15) 2.438 +_.006 (61.92 +_ 0.15) 1.612 +_.005 (40.94 +_ 0.13) .750 +_.005 (19.05 +_ 0.13) TYP. 2.814 +_.016 (71.48 +_ 0.41) 2.062 +_.006 (52.38 +_ 0.15) 1.750 +_.016 (44.45 +_ 0.41) 2.438 +_.010 (61.92 +_ 0.25) .750 +_.005 (19.05 +_ 0.13) TYP. 2.062 +_.006 (52.38 +_ 0.15) 1.612 +_.005 (40.84 +_ 0.13) 2.438 +_.010 (61.92 +_ 0.25) TOP TOP .750 +_.005 (19.05 +_ 0.13) TYP. .375 +_.005 (9.52 +_ 0.13) 2.676 +_.016 (67.97 +_ 0.41) 2.438 +_.005 (61.92 +_ 0.13) 2.062 +_.006 (52.38 +_ 0.15) 1.750 +_.016 (44.45 +_ 0.14) .188(4.78) R. TYP. 3.725 (94.62) MAX. 2.032 (51.61) N 8 HOLES .120(3.05)DIA FOR #4-40 SCREWS 2.312 (58.72) COUPLING NUT .750 +_.005 (19.05 +_ 0.13) TYP. 375 +_.005 (9.52 +_ 0.13) 2.814 +_.016 (71.48 +_ 0.41) .344 (8.74) 1.016 (25.81) .063 (1.60) .125 (3.18) 1.125 (28.58) TWO POLARIZING POSTS .766 (19.46) .063 (1.60) 3.063 (77.80) .125(3.18) .988 (25.09) 1.88(4.78) R. TYP. 2.256 (57.30) MAX. . DPX2-34M with extended hex, knob type -0501; example, DPX2-34M-0501 DPX2-34M with wing handle type -0901; example, DPX2-34M-0901 8 HOLES .120 (3.05) DIA FOR #4-40 SCREWS STANDARD SUPPLIED WITH HEX. SLOTTED KNOB COUPLING SCREW TWO POLARIZING POSTS 3.063 (77.80) 2.312 (58.72) COUPLING SCREW TWO POLARIZING POSTS 3.063 (77.80) 2.312(58.72) .375 +_.005 (9.52 +_ 0.13) 8 HOLES .120 (3.05) DIA FOR #4.40 SCREWS .188 (4.78) R. TYP .344 (8.74) 3.063(77.80) COUPLING NUT TWO POLARIZING POSTS 8 HOLES .120(3.05)DIA FOR #4-40 SCREWS .188 (4.78) R. TYP SEE DPX2-33M FOR DETAILS .063 (1.60) 1.016 (25.81) .125 (3.18) 1.125 (28.58) .063 (1.60) .766 (19.46) 2.312 (58.72) .125 (3.18) .720 +_.005 (18.29 +_ 0.13) 1.437 (36.50) REF 3.110 (78.99) 2.000 (50.80) .188 (4.78)R. TYP. 3 POLARIZING POSTS 2 HOLES .120(3.05)DIA. FOR MTG.REF.ONLY MTG.DATUM .120 (3.05)DIA. & C' SUNK 82 X .230 (5.84) DIA. 4 HOLES SHOWN FOR REF. + + ARINC 404 DPX Two Gang - ARINC B Shell 48 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Two Gang - Screw Coupling Engaging Devices |