| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017 bảng dữ liệu(PDF) 56 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 bảng dữ liệu(HTML) 56 Page - ITT Industries |
|
56 / 120 page ![]() DPXMA (LIF) Crimp Contacts DPXMA Thermocouple Contacts Contact Size and Part Numbers Part Number Size Pin Socket MIL Spec ITT Cannon MIL Spec MIL Spec ITT Cannon Se- lec tor# Tool P/N Locator P/N ITT Cannon Insertion Extraction Ins./Ext. AWG Insul Dia. Max. Strip Length Crimp Tooling Insertion/ Extraction Tooling Wire Size Contact Size and Part Numbers Part Number Size Pin Socket MIL Spec ITT Cannon MIL Spec MIL Spec ITT Cannon Se- lec tor# Tool P/N Locator P/N ITT Cannon Insertion Extraction Ins./Ext. AWG Insul Dia. Max. Strip Length Crimp Tooling Insertion/ Extraction Tooling Wire Size DPXA DPXB Two (2) pieces, solder pot. LITTLE CAESAR rear release contact retention assembly, crimp pot. LITTLE CAESAR assembly, solder pot, LITTLE CAESAR rear release contact retention assembly, crimp pot, with separator. Ring-Loc, solder pot, Environmental, connector. Two (2) pieces, solder pot (Standard 2 pieces insert). Ring-Loc, solder pot. (See MS) (MAS) LITTLE CAESAR assembly, Solder pot. 222 030-2259-000 030-2273-000 030-2280-000 030-2286-000 031-1287-000 M22520 /2-01 M22520 2-23 M81969 /1-01 CIT-DPXMA-22-1 Metal (070256-0000) CET-DPXMA-22 Metal (070317-0000) (980-0004-804) Metal Tip 26 24 22 .054 (1.37) .130/.110 (3.30/2.54) .167/.147 (4.24/3.73) .270/.230 (6.86/5.84) .270/.230 (6.86/5.84) .071 (1.80) .103 (2.62) .135 (3.43) 22 20 20 18 16 14 12 (980-0004-805) Metal Tip (980-0004-806) Metal Tip CIET-12 Plastic (274-7003-000) CET-16-9 Plastic (323-7001-000) CET-12-4 Plastic (323-7002-000) -- - - M81969 /1-02 M81969 /1-03 M81969 /14-04 995-0002 -015 995-0001 -604 995-0001 -736 995-0002 -027 M22520 /2-08 M22520 /1-02 M22520 /1-11 995-0001 -584 995-0001 -584 995-0001 -585 995-0001 -585 3 3 4 6 7 4 5 6 7 8 M22520 /2-01 M22520 1-01 M22520 1-01 031-1302-000 031-1303-000 031-1308-000 2020HD 1616 1212 2222 Alumel 030-1975-009 031-1113-009 M22520 /2-01 995-0001 -584 M22520 /2-23 995-0002 -015 (980-0004-804) Metal Tip .054 (1.37) .130/110 (3.30/2.54) 26 24 22 M81969 /1-01 CIT-DPXMA-22-1 Metal (070256-0000) CET-DPXMA-22 Metal (070317-0000) 3 3 4 031-1113-010 030-1975-010 2222 Chromel (MA) LITTLE CAESAR assembly, crimp pot, (Cat. A) Metal plates. Rear release, crimp (MB type only). Standard 2 pieces, solder pot, both sides, Ex: DPX2-57S57S-33-0001 Standard LITTLE CAESAR asembly, crimp pot both sides Ring-loc coax. EX:DPX2MA-57S57S-33-0001 LITTLE CAESAR assembly, soler po, both sides Ring-Loc coax. EX: DPX2MAS-57S57S-33-001 Ring-Loc, solder pot. Layout 25C3 pin only and 40C1 Pin and socket. EX: DPX2MS-40W1S40W1S-33-0001 A side: (MAS) LITTLE CAESAR assembly, solder pot (32W2S) B side; Standard 2 Piece, solder pot (57S). Ex: DPX2CA-32W2S57S-33-0001 A side: Standard solder pot. B side: Rear release crimp with separator. Ex: DPX2AF-13S26S-33B-0001 A side: Ring-Loc solder pot (40W1S). B Side: 2 Piece, Solder Pot (57S). Ex: DPX2BA-40W1S57S-33-0001 A side: (MA) LITTLE CAESAR assembly, Crimp (67S). B Side: 2 Piece, solder pot (57S). Ex: DPX3DA-67S57S-33-0001 A side: Metal plates for grounding (Coaxes). B side: Ring-Loc, solder pot. Ex: DPX2EB-C1P40W1P-34B-0001 DPXAMA DPXBMA *NOTE: When any two of these letters are used in combination, the inserts ("A" and "B") side have the style contacts indicated (see table opposite for examples). - - - - - - - - - - - - - - - - - - - Class None D* DPX2CA-/ DPX2AC- (Reverse CA) DPX2AF DPX2BA DPX2DA DPX2EB E* F* DPX2- DPX2MA DPX2MAS DPX2MS- MA MAS MB MS ME A* B* C* Series DPX Insert Type Class Series DPX Insert Type Class Series DPX Insert Type ARINC 404 DPX*MA/ME Description of Modification Codes for Special Connector Insert Assemblies 56 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Contact and Termination Tooling Data |