| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017 bảng dữ liệu(PDF) 111 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 bảng dữ liệu(HTML) 111 Page - ITT Industries |
|
111 / 120 page ![]() DPD/DPDMA Contact Variations 111 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change The contact variations shown are modifications of the basic arrangement. For variations not shown please consult factory. Arr. No. V14 20 B20C2 C20C2 G20 B22C2 23C3 23HV1 G23C3 B28 30 31 B31C1 32 32C1 A32 E32C2 T32C2 U32C2 40 A44 45 50 F54 76 78 C78 90 112 128 32C1HV1 32C2 32C2 16 12 10 2 8 2 21 2 3 2 4 3 2 2 2 2 2 2 5 6 2 2 2 2 2 2 14 Supplied less coaxial contacts (see pg.107 for avail.) #5, 7, 9, 12-17, 29, A1, A2 are open Basic arr. str. coax RG-7/U, P249-0365-000; S249-0366-000 A1, A2-str. coax RG-59/U, RG-62/U, P249-0399-000, S249-0398-000 Basic arr. Basic arr. str. coax RG-7/U, P249-0365-000, S249-0366-000 #21, 23-#8 removable; #22-HV kit 7.5K VAC: #16 wire, 20 amps #21-23-str. coax RG-59/U. RG-62/U, P249-0399-000, S249-0398-000 Basic arr. A1, A2-open A1-open; A2-#8 removable A1-open; A2-90 short coax, RG-58/U P249-0257-000, S249-0258-000 A1, A2-#8 removable A1, A2-#16 removable A1, A2-str. coax. RG-58/U, P249-0257-000, S249-0258-000 S/A E32C2 except RG-58/U insulated A1, A2-str. coax RG-59/U, RG-62/U, P249-0399-000, S249-0398-000 Basic arr. Basic arr. Basic arr. Basic arr. Basic arr. Basic arr. Basic arr. Contacts accommodate 16-20 wire DPDMA only Basic arr. Basic arr. Basic arr. A1-90 Short coax RG-58/U, P249-0409-000, S249-0410-000; A2-Str. coax RG-58/U, P249-0257-000, S249-0258-000, #11-14, 16, 17, 26-29 open A1-str. coax RG-7/U, P249-0365-000, S249-0366-000 A2-#8 removable A1-str. coax RG-7/U, P249-0365-000, S249-0366-000 A2-HV kit, 7.5K VAC, #16 wire, 10 amp Basic arr. A1, A2-str. coax RG-7/U, P249-0365-000, S249-0366-000 2 2 2 3 3 1 1 1 1 6 6 73 112 128 32C2 18 12 12 18 20 20 20 28 28 28 28 28 28 30 28 28 28 40 17 43 50 48 3 78 78 90 28 28 T14 32C2 B20C2 B20C2 G20 32C2 23C3 23C3 23C3 B28 32C2 32C2 32C2 32C2 32C2 32C2 32C2 32C2 32C2 40 A44 45 50 F54 76 78 78 90 112 128 Basic Arr. 20 16 14 No. of Contacts (Wire Size) 10 8 Coax Spl.Notes/Modifications |