công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1516 bảng dữ liệu(PDF) 189 Page - Microchip Technology

tên linh kiện PIC16F1516
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1516 bảng dữ liệu(HTML) 189 Page - Microchip Technology

Back Button PIC16F1516 Datasheet HTML 185Page - Microchip Technology PIC16F1516 Datasheet HTML 186Page - Microchip Technology PIC16F1516 Datasheet HTML 187Page - Microchip Technology PIC16F1516 Datasheet HTML 188Page - Microchip Technology PIC16F1516 Datasheet HTML 189Page - Microchip Technology PIC16F1516 Datasheet HTML 190Page - Microchip Technology PIC16F1516 Datasheet HTML 191Page - Microchip Technology PIC16F1516 Datasheet HTML 192Page - Microchip Technology PIC16F1516 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 344 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41452B-page 189
PIC16(L)F1516/7/8/9
FIGURE 21-4:
SPI MASTER AND MULTIPLE SLAVE CONNECTION
21.2.1
SPI MODE REGISTERS
The MSSP module has five registers for SPI mode
operation. These are:
• MSSP STATUS register (SSPSTAT)
• MSSP Control Register 1 (SSPCON1)
• MSSP Control Register 3 (SSPCON3)
• MSSP Data Buffer register (SSPBUF)
• MSSP Address register (SSPADD)
• MSSP Shift register (SSPSR)
(Not directly accessible)
SSPCON1 and SSPSTAT are the control and STATUS
registers in SPI mode operation. The SSPCON1 regis-
ter is readable and writable. The lower 6 bits of the
SSPSTAT are read-only. The upper two bits of the
SSPSTAT are read/write.
In one SPI master mode, SSPADD can be loaded with
a value used in the Baud Rate Generator. More infor-
mation on the Baud Rate Generator is available in
Section 21.7 “Baud Rate Generator”
.
SSPSR is the shift register used for shifting data in and
out. SSPBUF provides indirect access to the SSPSR
register. SSPBUF is the buffer register to which data
bytes are written, and from which data bytes are read.
In receive operations, SSPSR and SSPBUF together
create a buffered receiver. When SSPSR receives a
complete byte, it is transferred to SSPBUF and the
SSPIF interrupt is set.
During transmission, the SSPBUF is not buffered. A
write to SSPBUF will write to both SSPBUF and
SSPSR.
SPI Master
SCK
SDO
SDI
General I/O
General I/O
General I/O
SCK
SDI
SDO
SS
SPI Slave
#1
SCK
SDI
SDO
SS
SPI Slave
#2
SCK
SDI
SDO
SS
SPI Slave
#3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com