công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1516 bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện PIC16F1516
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1516 bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button PIC16F1516 Datasheet HTML 31Page - Microchip Technology PIC16F1516 Datasheet HTML 32Page - Microchip Technology PIC16F1516 Datasheet HTML 33Page - Microchip Technology PIC16F1516 Datasheet HTML 34Page - Microchip Technology PIC16F1516 Datasheet HTML 35Page - Microchip Technology PIC16F1516 Datasheet HTML 36Page - Microchip Technology PIC16F1516 Datasheet HTML 37Page - Microchip Technology PIC16F1516 Datasheet HTML 38Page - Microchip Technology PIC16F1516 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 344 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41452B-page 35
PIC16(L)F1516/7/8/9
Bank 2
10Ch LATA
PORTA Data Latch
xxxx xxxx uuuu uuuu
10Dh LATB
PORTB Data Latch
xxxx xxxx uuuu uuuu
10Eh LATC
PORTC Data Latch
xxxx xxxx uuuu uuuu
10Fh LATD(2)
PORTD Data Latch
xxxx xxxx uuuu uuuu
110h LATE(2)
LATE2
LATE1
LATE0
---- -xxx ---- -uuu
111h
to
115h
Unimplemented
116h BORCON
SBOREN
BORFS
BORRDY 10-- ---q uu-- ---u
117h FVRCON
FVREN
FVRRDY
TSEN
TSRNG
—ADFVR<1:0>
0q00 --00 0q00 --00
118h
to
11Ch
Unimplemented
11Dh APFCON
SSSEL
CCP2SEL ---- --00 ---- --00
11Eh —
Unimplemented
11Fh —
Unimplemented
Bank 3
18Ch ANSELA
—ANSA5
ANSA3
ANSA2
ANSA1
ANSA0
--1- 1111 --1- 1111
18Dh ANSELB
ANSB5
ANSB4
ANSB3
ANSB2
ANSB1
ANSB0
--11 1111 --11 1111
18Eh ANSELC
ANSC7
ANSC6
ANSC5
ANSC4
ANSC3
ANSC2
1111 11-- 1111 11--
18Fh ANSELD(2)
ANSD7
ANSD6
ANSD5
ANSD4
ANSD3
ANSD2
ANSD1
ANSD0
1111 1111 1111 1111
190h ANSELE(2)
ANSE2
ANSE1
ANSE0
---- -111 ---- -111
191h PMADRL
Program Memory Address Register Low Byte
0000 0000 0000 0000
192h PMADRH
Program Memory Address Register High Byte
1000 0000 1000 0000
193h PMDATL
Program Memory Data Register Low Byte
xxxx xxxx uuuu uuuu
194h PMDATH
Program Memory Data Register High Byte
--xx xxxx --uu uuuu
195h PMCON1
(3)
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
1000 x000 1000 q000
196h PMCON2
Program Memory control register 2
0000 0000 0000 0000
197h VREGCON(1)
VREGPM Reserved ---- --01 ---- --01
198h —
Unimplemented
199h RCREG
USART Receive Data Register
0000 0000 0000 0000
19Ah TXREG
USART Transmit Data Register
0000 0000 0000 0000
19Bh SPBRG
BRG<7:0>
0000 0000 0000 0000
19Ch SPBRGH
BRG<15:8>
0000 0000 0000 0000
19Dh RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x 0000 000x
19Eh TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010 0000 0010
19Fh BAUDCON
ABDOVF
RCIDL
SCKP
BRG16
WUE
ABDEN
01-0 0-00 01-0 0-00
TABLE 3-8:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
PIC16F151X only.
2:
PIC16(L)F1517/9 only.
3:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com