công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1516 bảng dữ liệu(PDF) 27 Page - Microchip Technology

tên linh kiện PIC16F1516
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1516 bảng dữ liệu(HTML) 27 Page - Microchip Technology

Back Button PIC16F1516 Datasheet HTML 23Page - Microchip Technology PIC16F1516 Datasheet HTML 24Page - Microchip Technology PIC16F1516 Datasheet HTML 25Page - Microchip Technology PIC16F1516 Datasheet HTML 26Page - Microchip Technology PIC16F1516 Datasheet HTML 27Page - Microchip Technology PIC16F1516 Datasheet HTML 28Page - Microchip Technology PIC16F1516 Datasheet HTML 29Page - Microchip Technology PIC16F1516 Datasheet HTML 30Page - Microchip Technology PIC16F1516 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 344 page
background image
TABLE 3-3:
PIC16(L)F1516/7 MEMORY MAP
Legend:
= Unimplemented data memory locations, read as ‘0’.
Note
1:
PIC16(L)F1517 only.
2:
PIC16F1516/7 only.
BANK 0
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
000h
Core Registers
(Table 3-2)
080h
Core Registers
(Table 3-2)
100h
Core Registers
(Table 3-2)
180h
Core Registers
(Table 3-2)
200h
Core Registers
(Table 3-2)
280h
Core Registers
(Table 3-2)
300h
Core Registers
(Table 3-2)
380h
Core Registers
(Table 3-2)
00Bh
08Bh
10Bh
18Bh
20Bh
28Bh
30Bh
38Bh
00Ch
PORTA
08Ch
TRISA
10Ch
LATA
18Ch
ANSELA
20Ch
28Ch
30Ch
38Ch
00Dh
PORTB
08Dh
TRISB
10Dh
LATB
18Dh
ANSELB
20Dh
WPUB
28Dh
30Dh
38Dh
00Eh
PORTC
08Eh
TRISC
10Eh
LATC
18Eh
ANSELC
20Eh
—28Eh
—30Eh
—38Eh
00Fh
PORTD(1)
08Fh
TRISD(1)
10Fh
LATD(1)
18Fh
ANSELD(1)
20Fh
—28Fh
—30Fh
—38Fh
010h
PORTE
090h
TRISE
110h
LATE(1)
190h
ANSELE(1)
210h
WPUE
290h
310h
390h
011h
PIR1
091h
PIE1
111h
191h
PMADRL
211h
SSPBUF
291h
CCPR1L
311h
391h
012h
PIR2
092h
PIE2
112h
192h
PMADRH
212h
SSPADD
292h
CCPR1H
312h
392h
013h
—093h
—113h
193h
PMDATL
213h
SSPMSK
293h
CCP1CON
313h
393h
014h
—094h
—114h
194h
PMDATH
214h
SSPSTAT
294h
314h
394h
IOCBP
015h
TMR0
095h
OPTION_REG
115h
195h
PMCON1
215h
SSPCON1
295h
315h
395h
IOCBN
016h
TMR1L
096h
PCON
116h
BORCON
196h
PMCON2
216h
SSPCON2
296h
316h
396h
IOCBF
017h
TMR1H
097h
WDTCON
117h
FVRCON
197h
VREGCON(2)
217h
SSPCON3
297h
317h
397h
018h
T1CON
098h
—118h
—198h
—218h
298h
CCPR2L
318h
398h
019h
T1GCON
099h
OSCCON
119h
199h
RCREG
219h
299h
CCPR2H
319h
399h
01Ah
TMR2
09Ah
OSCSTAT
11Ah
19Ah
TXREG
21Ah
29Ah
CCP2CON
31Ah
—39Ah
01Bh
PR2
09Bh
ADRESL
11Bh
19Bh
SPBRG
21Bh
—29Bh
—31Bh
—39Bh
01Ch
T2CON
09Ch
ADRESH
11Ch
19Ch
SPBRGH
21Ch
29Ch
31Ch
39Ch
01Dh
09Dh
ADCON0
11Dh
APFCON
19Dh
RCSTA
21Dh
29Dh
31Dh
39Dh
01Eh
09Eh
ADCON1
11Eh
19Eh
TXSTA
21Eh
—29Eh
—31Eh
—39Eh
01Fh
—09Fh
—11Fh
19Fh
BAUDCON
21Fh
—29Fh
—31Fh
—39Fh
020h
General
Purpose
Register
80 Bytes
0A0h
General
Purpose
Register
80 Bytes
120h
General
Purpose
Register
80 Bytes
1A0h
General
Purpose
Register
80 Bytes
220h
General
Purpose
Register
80 Bytes
2A0h
General
Purpose
Register
80 Bytes
320h General Purpose
Register
16 Bytes
3A0h
Unimplemented
Read as ‘0’
32Fh
330h
Unimplemented
Read as ‘0’
06Fh
0EFh
16Fh
1EFh
26Fh
2EFh
36Fh
3EFh
070h
Common RAM
0F0h
Common RAM
(Accesses
70h – 7Fh)
170h
Common RAM
(Accesses
70h – 7Fh)
1F0h
Common RAM
(Accesses
70h – 7Fh)
270h
Common RAM
(Accesses
70h – 7Fh)
2F0h
Common RAM
(Accesses
70h – 7Fh)
370h
Common RAM
(Accesses
70h – 7Fh)
3F0h
Common RAM
(Accesses
70h – 7Fh)
07Fh
0FFh
17Fh
1FFh
27Fh
2FFh
37Fh
3FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com