| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1516 bảng dữ liệu(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1516 bảng dữ liệu(HTML) 15 Page - Microchip Technology |
|
15 / 344 page ![]() 2011 Microchip Technology Inc. Preliminary DS41452B-page 15 PIC16(L)F1516/7/8/9 TABLE 1-2: PIC16(L)F151X PINOUT DESCRIPTION Name Function Input Type Output Type Description RA0/AN0/SS(2) RA0 TTL CMOS General purpose I/O. AN0 AN — A/D Channel 0 input. SS ST — Slave Select input. RA1/AN1 RA1 TTL CMOS General purpose I/O. AN1 AN — A/D Channel 1 input. RA2/AN2 RA2 TTL CMOS General purpose I/O. AN2 AN — A/D Channel 2 input. RA3/AN3/VREF+ RA3 TTL CMOS General purpose I/O. AN3 AN — A/D Channel 3 input. VREF+ AN — A/D Positive Voltage Reference input. RA4/T0CKI RA4 TTL CMOS General purpose I/O. T0CKI ST — Timer0 clock input. RA5/AN4/SS(1)/VCAP RA5 TTL CMOS General purpose I/O. AN4 AN — A/D Channel 4 input. SS ST — Slave Select input. VCAP Power Power Filter capacitor for Voltage Regulator (PIC16F151X only). RA6/OSC2/CLKOUT RA6 TTL CMOS General purpose I/O. OSC2 — XTAL Crystal/Resonator (LP, XT, HS modes). CLKOUT — CMOS FOSC/4 output. RA7/OSC1/CLKIN RA7 TTL CMOS General purpose I/O. OSC1 XTAL — Crystal/Resonator (LP, XT, HS modes). CLKIN ST — External clock input (EC mode). RB0/AN12/INT RB0 TTL CMOS General purpose I/O with IOC and WPU. AN12 AN — A/D Channel 12 input. INT ST — External interrupt. RB1/AN10 RB1 TTL CMOS General purpose I/O with IOC and WPU. AN10 AN — A/D Channel 10 input. RB2/AN8 RB2 TTL CMOS General purpose I/O with IOC and WPU. AN8 AN — A/D Channel 8 input. RB3/AN9/CCP2(2) RB3 TTL CMOS General purpose I/O with IOC and WPU. AN9 AN — A/D Channel 9 input. CCP2 ST CMOS Capture/Compare/PWM 2. RB4/AN11 RB4 TTL CMOS General purpose I/O with IOC and WPU. AN11 AN — A/D Channel 11 input. RB5/AN13/T1G RB5 TTL CMOS General purpose I/O with IOC and WPU. AN13 AN — A/D Channel 13 input. T1G ST — Timer1 Gate input. RB6/ICSPCLK RB6 TTL CMOS General purpose I/O with IOC and WPU. ICSPCLK ST CMOS In-Circuit Data I/O. RB7/ICSPDAT RB7 TTL CMOS General purpose I/O with IOC and WPU. ICSPDAT ST CMOS ICSP™ Data I/O. Legend: AN = Analog input or output CMOS= CMOS compatible input or output OD = Open Drain TTL = TTL compatible input ST = Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C HV = High Voltage XTAL = Crystal levels Note 1: Peripheral pin location selected using APFCON register (Register 12-1). Default location. 2: Peripheral pin location selected using APFCON register (Register 12-1). Alternate location. 3: PORTD and RE<2:0> available on PIC16(L)F1517/9 only. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |