| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1516 bảng dữ liệu(PDF) 188 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1516 bảng dữ liệu(HTML) 188 Page - Microchip Technology |
|
188 / 344 page ![]() PIC16(L)F1516/7/8/9 DS41452B-page 188 Preliminary 2011 Microchip Technology Inc. 21.2 SPI Mode Overview The Serial Peripheral Interface (SPI) bus is a synchronous serial data communication bus that operates in Full Duplex mode. Devices communicate in a master/slave environment where the master device initiates the communication. A slave device is controlled through a Chip Select known as Slave Select. The SPI bus specifies four signal connections: • Serial Clock (SCK) • Serial Data Out (SDO) • Serial Data In (SDI) • Slave Select (SS) Figure 21-1 shows the block diagram of the MSSP module when operating in SPI Mode. The SPI bus operates with a single master device and one or more slave devices. When multiple slave devices are used, an independent Slave Select con- nection is required from the master device to each slave device. Figure 21-4 shows a typical connection between a master device and multiple slave devices. The master selects only one slave at a time. Most slave devices have tri-state outputs so their output signal appears disconnected from the bus when they are not selected. Transmissions involve two shift registers, eight bits in size, one in the master and one in the slave. With either the master or the slave device, data is always shifted out one bit at a time, with the Most Significant bit (MSb) shifted out first. At the same time, a new Least Significant bit (LSb) is shifted into the same register. Figure 21-5 shows a typical connection between two processors configured as master and slave devices. Data is shifted out of both shift registers on the pro- grammed clock edge and latched on the opposite edge of the clock. The master device transmits information out on its SDO output pin which is connected to, and received by, the slave’s SDI input pin. The slave device transmits infor- mation out on its SDO output pin, which is connected to, and received by, the master’s SDI input pin. To begin communication, the master device first sends out the clock signal. Both the master and the slave devices should be configured for the same clock polar- ity. The master device starts a transmission by sending out the MSb from its shift register. The slave device reads this bit from that same line and saves it into the LSb position of its shift register. During each SPI clock cycle, a full duplex data transmission occurs. This means that while the master device is sending out the MSb from its shift register (on its SDO pin) and the slave device is reading this bit and saving it as the LSb of its shift register, that the slave device is also sending out the MSb from its shift register (on its SDO pin) and the master device is reading this bit and saving it as the LSb of its shift register. After 8 bits have been shifted out, the master and slave have exchanged register values. If there is more data to exchange, the shift registers are loaded with new data and the process repeats itself. Whether the data is meaningful or not (dummy data), depends on the application software. This leads to three scenarios for data transmission: • Master sends useful data and slave sends dummy data. • Master sends useful data and slave sends useful data. • Master sends dummy data and slave sends useful data. Transmissions may involve any number of clock cycles. When there is no more data to be transmitted, the master stops sending the clock signal and it dese- lects the slave. Every slave device connected to the bus that has not been selected through its slave select line must disre- gard the clock and transmission signals and must not transmit out any data of its own. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |