công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTS6480SF bảng dữ liệu(PDF) 71 Page - Infineon Technologies AG

tên linh kiện BTS6480SF
Giải thích chi tiết về linh kiện  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF bảng dữ liệu(HTML) 71 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 65Page - Infineon Technologies AG BTS6480SF Datasheet HTML 66Page - Infineon Technologies AG BTS6480SF Datasheet HTML 67Page - Infineon Technologies AG BTS6480SF Datasheet HTML 68Page - Infineon Technologies AG BTS6480SF Datasheet HTML 69Page - Infineon Technologies AG BTS6480SF Datasheet HTML 70Page - Infineon Technologies AG BTS6480SF Datasheet HTML 71Page - Infineon Technologies AG BTS6480SF Datasheet HTML 72Page - Infineon Technologies AG BTS6480SF Datasheet HTML 73Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
SPOC - BTS6480SF
Package Outlines SPOC - BTS6480SF
Data Sheet
71
Rev. 1.0, 2010-04-12
12
Package Outlines SPOC - BTS6480SF
Figure 31
PG-DSO-36-43 (Plastic Dual Small Outline Package)
Green Product (RoHS compliant)
To meet the world-wide customer requirements for environmentally friendly products and to be compliant with
government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e
Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
GPS01089
2) Does not include dambar protrusion of 0.05 max. per side
1) Does not include plastic or metal protrusion of 0.15 max. per side
1
18
36
19
0.65
0.33
0.1
0.35 x 45˚
-0.2
1)
7.6
10.3
0.7±0.2
±0.3
Index Marking
1)
12.8-0.2
18
1
19
36
Index Marking
Ejector Mark
Bottom View
0.17 M C A-B D 36x
±0.08
2)
C
D
A
B
Dimensions in mm
You can find all of our packages, sorts of packing and others in our Infineon Internet Page
“Products”: http://www.infineon.com/products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com