công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTS6480SF bảng dữ liệu(PDF) 26 Page - Infineon Technologies AG

tên linh kiện BTS6480SF
Giải thích chi tiết về linh kiện  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF bảng dữ liệu(HTML) 26 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 22Page - Infineon Technologies AG BTS6480SF Datasheet HTML 23Page - Infineon Technologies AG BTS6480SF Datasheet HTML 24Page - Infineon Technologies AG BTS6480SF Datasheet HTML 25Page - Infineon Technologies AG BTS6480SF Datasheet HTML 26Page - Infineon Technologies AG BTS6480SF Datasheet HTML 27Page - Infineon Technologies AG BTS6480SF Datasheet HTML 28Page - Infineon Technologies AG BTS6480SF Datasheet HTML 29Page - Infineon Technologies AG BTS6480SF Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 73 page
background image
Data Sheet
26
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Power Stages
6.7
Command Description
OUT
Output Configuration Registers
W/R
RB
ADDR
987
654
3210
r/w
0
000
0
0
0
0
0
OUT5 OUT4 OUT3 OUT2 OUT1 OUT0
Field
Bits
Type
Description
OUTn
n = 5 to 0
nrw
Set Output Mode for Channel n
0
Channel n is switched off
1
Channel n is switched on 1)
1) Channel status depends on automatic PWM generator configuration. For more details, please refer to Section 7.
HWCR
Hardware Configuration Register
W/R
RB
ADDR
987
654
3210
r/w
1
001
0
0
CLKTRIM
CLK
0
LED3 LED2
STB
CL
Field
Bits
Type
Description
LEDn
n = 3 to 2
nrw
Set LED Mode for Channel n
0
Channel n is in bulb mode
1
Channel n is in LED mode
IECR
Input, External Drive and Current Source Configuration Register
W/R
RB
ADDR
987
654
3210
r/w
1
000
1
0
0
0
0
0
0COL
INCG
CSL PRO+
Field
Bits
Type
Description
PRO+
0
rw
Configuration of EDD0 and EDD1 to be Compliant to PROFET+
0
Normal mode
1
EDD0=DEN, EDD1=DSEL
INCG
2
rw
Input Drive Configuration
0
Direct drive mode
1
Assigned drive mode
COL
3
rw
Input Combinatorial Logic Configuration
0
Input signal OR-combined with according OUT register bit
1
Input signal AND-combined with according OUT register bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com