công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTS6480SF bảng dữ liệu(PDF) 35 Page - Infineon Technologies AG

tên linh kiện BTS6480SF
Giải thích chi tiết về linh kiện  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF bảng dữ liệu(HTML) 35 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 31Page - Infineon Technologies AG BTS6480SF Datasheet HTML 32Page - Infineon Technologies AG BTS6480SF Datasheet HTML 33Page - Infineon Technologies AG BTS6480SF Datasheet HTML 34Page - Infineon Technologies AG BTS6480SF Datasheet HTML 35Page - Infineon Technologies AG BTS6480SF Datasheet HTML 36Page - Infineon Technologies AG BTS6480SF Datasheet HTML 37Page - Infineon Technologies AG BTS6480SF Datasheet HTML 38Page - Infineon Technologies AG BTS6480SF Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
SPOC - BTS6480SF
Protection Functions
Data Sheet
35
Rev. 1.0, 2010-04-12
8
Protection Functions
The device provides embedded protective functions, which are designed to prevent IC destruction under fault
conditions described in this data sheet. Fault conditions are considered as “outside” normal operating range.
Protective functions are neither designed for continuous nor for repetitive operation.
8.1
Over Current Protection
The maximum load current
I
L is switched off in case of exceeding the over current trip level IL(trip) by the device
itself. Depending on the total short circuit impedance higher current over shoots may occur. A limited auto-restart
function is implemented. The number of restarts is dependent of the
V
DS voltage. Please refer to following figures
for details.
Figure 10
Over current protection with latch due to reaching maximum number of retries
n
retry
I
L
I
IS
t
t
t
ERR
t
CurrentTrippingDeltaT_nretry.emf
CL = 1
V
DS
t
V
DS(Vtrip)
I
L(trip)
over current
normal
operation
IN /
OUTx
t
T
j
T
j(startn) + ∆
T
j(res)
T
j(start1)
T
j(start1) + ∆Tj(res)
T
j(start2) + ∆Tj(res)
n = 1
over load
removed
T
j(SC)
n= n
retry
* ERR-flag will be reset by standard
diagnosis readout during restart
*
Switch off by over
current switch off
Restart by dynamic
temperature sensor
Latch OFF due
maximum number of
retries reached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com