công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTS6480SF bảng dữ liệu(PDF) 37 Page - Infineon Technologies AG

tên linh kiện BTS6480SF
Giải thích chi tiết về linh kiện  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF bảng dữ liệu(HTML) 37 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 33Page - Infineon Technologies AG BTS6480SF Datasheet HTML 34Page - Infineon Technologies AG BTS6480SF Datasheet HTML 35Page - Infineon Technologies AG BTS6480SF Datasheet HTML 36Page - Infineon Technologies AG BTS6480SF Datasheet HTML 37Page - Infineon Technologies AG BTS6480SF Datasheet HTML 38Page - Infineon Technologies AG BTS6480SF Datasheet HTML 39Page - Infineon Technologies AG BTS6480SF Datasheet HTML 40Page - Infineon Technologies AG BTS6480SF Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
SPOC - BTS6480SF
Protection Functions
Data Sheet
37
Rev. 1.0, 2010-04-12
8.2
Over Current Protection at high VDS
The SPOC - BTS6480SF provides an over current protection for
V
DS > VDS(Vtrip) (8.9.5). For VDS > VDS(Vtrip) and
I
L > IL(Vtrip) during turn on the channel switches off and latches immediately. For details please refer to parameter
I
L(VTRIP) (8.9.4).
The current trip level
I
L(Vtrip) is below the current trip level IL(trip) at VDS = 7V. The ratio between IL(trip) and IL(Vtrip) is
defined by the parameter
∆kTR (8.9.6).
The over current latch is cleared by SPI command HWCR.CL = 1
b. If the input pin or the bit in the SPI register
OUT
is still set, the channel will be turned on immediately (or according to the automatic PWM generator setting)
after the command HWCR.CL = 1
b.
Figure 13
Over current protection in case of high
V
DS voltages
8.3
Over Current Protection for Short Circuit Type 2 Protection
After activation of the channels without over temperature shutdown and after the delay time
t
delay(trip) (8.9.2) the
over current protection threshold
I
L(trip) is reduced to IL(Itrip). The delay time tdelay(trip) is reset by an dynamic
temperature sensor or over current shutdown and any IN, OUTx or automatic PWM generator signal transition. In
case of a short circuit to GND event with
I
L > IL(Itrip) (8.9.3), which occurs in the on state, the channel is switched
off and latched immediately. For more details, please refer to the figure Figure 14.
The current trip level
I
L(Itrip) is below the current trip level IL(trip) at VDS = 7V. The ratio between IL(trip) and IL(Itrip) is
defined by the parameter
∆kTR (8.9.6).
The over current latch is cleared by SPI command HWCR.CL = 1
b. If the input pin or the bit in the SPI register
OUT
is still set, the channel will be turned on immediately (or according to the automatic PWM generator setting)
after the command HWCR.CL = 1
b.
I
L
I
IS
t
t
t
ERR
t
CurrentTrippingHighVDS.emf
CL = 1
V
DS
t
V
DS(Vtrip)
I
L(Vtrip)
high V
DS over current
normal
operation
over load
removed
IN /
OUTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com