| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BTS6480SF bảng dữ liệu(PDF) 40 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BTS6480SF bảng dữ liệu(HTML) 40 Page - Infineon Technologies AG |
|
40 / 73 page ![]() Data Sheet 40 Rev. 1.0, 2010-04-12 SPOC - BTS6480SF Protection Functions Figure 17 Dynamic Temperature Sensor Operations with latch due to reaching over temperature T j(SC) The ERR-flag will be set during dynamic temperature sensor shut down. It can be reset by reading the ERR-flag. If the channel is still in dynamic temperature sensor shut down, the ERR-flag will be set again. During the automatic restart of the channel the ERR-flag can be cleared by reading the ERR-flag. It will be set again as soon as the dynamic temperature sensor is activated again. 8.5 Reverse Polarity Protection In reverse polarity mode, power dissipation is caused by the intrinsic body diode of each DMOS channel as well as each ESD diode of the logic pins. The reverse current through the channels has to be limited by the connected loads.The current through the ground pin, sense pin IS, current sense synchronization pin, the logic power supply pin VDD, the SPI pins, input pins, external driver pins, clock input pin and the limp home input pin has to be limited as well (please refer to the maximum ratings listed on Page 10). For reducing the power loss during reverse polarity ReversaveTM functionality is implemented for all channels. They are turned on to almost forward condition in reverse polarity condition, see parameter R DS(REV). Note: No protection mechanism like temperature protection or current protection is active during reverse polarity. 8.6 Over Voltage Protection In the case of supply voltages between V BB(SC) max and VBB(CL) the output transistors are still operational and follow the input or the OUT register. Parameters are not warranted and lifetime is reduced compared to normal mode. In addition to the output clamp for inductive loads as described in Section 6.3, there is a clamp mechanism available for over voltage protection for the logic and all channels. I L I IS t t t ERR t DeltaT_OT.emf CL = 1 V DS t V DS(Vtrip) I L(trip) over load normal operation IN / OUTx t T j T j(startn) + ∆Tj(res) T j(start1) T j(start1) + ∆Tj(res) T j(start1) + ∆Tj(SW) n = 1 over load removed T j(SC) n < n retry * ERR-flag will be reset by standard diagnosis readout during restart * Switch off by dynamic temperature sensor Restart by dynamic temperature sensor Latch OFF due to over temperature ∆T jSW |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |