công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTS6480SF bảng dữ liệu(PDF) 28 Page - Infineon Technologies AG

tên linh kiện BTS6480SF
Giải thích chi tiết về linh kiện  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF bảng dữ liệu(HTML) 28 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 24Page - Infineon Technologies AG BTS6480SF Datasheet HTML 25Page - Infineon Technologies AG BTS6480SF Datasheet HTML 26Page - Infineon Technologies AG BTS6480SF Datasheet HTML 27Page - Infineon Technologies AG BTS6480SF Datasheet HTML 28Page - Infineon Technologies AG BTS6480SF Datasheet HTML 29Page - Infineon Technologies AG BTS6480SF Datasheet HTML 30Page - Infineon Technologies AG BTS6480SF Datasheet HTML 31Page - Infineon Technologies AG BTS6480SF Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
Data Sheet
28
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Automatic PWM Generator
The applied clock signal can be monitored via SPI in the standard diagnosis. The standard diagnosis bit CLE
provides the information in device operation mode (not during stand-by), if the applied clock is above or below the
threshold
f
PCLK(TH) according to the following table. The bit CLE will be reset after every successful standard
diagnosis readout. The reset of the bit CLE is performed only, if the bit CLE is set.
Note: A changing of the HWCR.CLKTRIM will also change the CLE thresholds.
7.2.2
Internal PWM Clock
The SPOC - BTS6480SF provides also an internal clock signal
f
INT. The internal clock frequency is used by setting
the register HWCR.CLK to 1
b.
For adjusting the clock signal, a trimming of
f
INT via the SPI register HWCR.CLK_TRIM can be done. fPWM can be
decreased or increased in steps of
k
TRIM.
(2)
7.3
PWM Duty Cycle
The PWM duty cycle of each output is defined by the SPI register DCCRn.DC register from 0 to 256. The ON-state
duty cycle is (in %):
(3)
The minimum duty cycle, which can be set (except from 0 %), is according to Equation (3) 0.39 %. The duty cycle
of the output voltage depends on the switching times
t
ON, tOFF and the connected load. Therefore, the observed
output duty cycle can differ from the set duty cycle.
7.4
Channel Phase Shift
For optimized EMC performances phase shifts between all channels can be programmed via the SPI register
CHCRn.PHS
. The phase shifts refer to one common start point. Please refer to Figure 8. Up to eight different
phase shifts can be selected.
Table 5
External Clock Monitoring
External Clock Status
CLE
Clock Frequency
0
b
f
PCLK > fPCLK(TH)
1
b
f
PCLK < fPCLK(TH)
fPWM
fINT x kTRIM
⋅
()
±
256 prescaler
⋅
--------------------------------------
=
DCPWM
DCCRn.DC 100
⋅
256
--------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com