| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BTS6480SF bảng dữ liệu(PDF) 30 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
BTS6480SF bảng dữ liệu(HTML) 30 Page - Infineon Technologies AG |
|
30 / 73 page ![]() Data Sheet 30 Rev. 1.0, 2010-04-12 SPOC - BTS6480SF Automatic PWM Generator Figure 9 Phase Shifts between Devices 7.5.2 How to resynchronize a Reset SPOC In case of a reset SPOC device or a SPOC device in stand-by mode the synchronization can be done as follows: • Set the PWM frequencies, duty cycles, phase shifts of the reset device • Set the device phase shift for the reset SPOC device • Deactivate the automatic PWM generation of all SPOC devices in this daisy chain • With the next SPI transmission activate the automatic PWM generator of all SPOC devices by setting PCR.PST within one MCS-frame • Activate the channels of the reset SPOC device via the SPI register OUT.OUTn With the next rising edge of the PWM clock signal f PWM the automatic PWM generation will start again synchronously. t V PCLK t PCR.PST t V OUT0 t OUT.OUT0 t OUT.OUT0 DevicePhaseShift.emf t V OUT0 t Dev. phase shift1 t PCR.PST DC PWM0 t t V OUT1 t Dev. phase shift1 t Ch. phase shift1 DC PWM1 Device 1 Device 2 OUT.OUT1 |