công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BTS6480SF bảng dữ liệu(PDF) 68 Page - Infineon Technologies AG

tên linh kiện BTS6480SF
Giải thích chi tiết về linh kiện  SPI Power Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS6480SF bảng dữ liệu(HTML) 68 Page - Infineon Technologies AG

Back Button BTS6480SF Datasheet HTML 64Page - Infineon Technologies AG BTS6480SF Datasheet HTML 65Page - Infineon Technologies AG BTS6480SF Datasheet HTML 66Page - Infineon Technologies AG BTS6480SF Datasheet HTML 67Page - Infineon Technologies AG BTS6480SF Datasheet HTML 68Page - Infineon Technologies AG BTS6480SF Datasheet HTML 69Page - Infineon Technologies AG BTS6480SF Datasheet HTML 70Page - Infineon Technologies AG BTS6480SF Datasheet HTML 71Page - Infineon Technologies AG BTS6480SF Datasheet HTML 72Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
Data Sheet
68
Rev. 1.0, 2010-04-12
SPOC - BTS6480SF
Serial Peripheral Interface (SPI)
CLK
5
rw
Clock Mode 1)
0
External Clock input PCLK is used for PWM Mode
1
Internal Clock is used for PWM Mode
CLKTRIM
8:6
rw
Internal Clock Trim
000
f
INT - 4 kTRIM
...
011
f
INT - 1 kTRIM
100
f
INT without trimming
101
f
INT + 1 kTRIM
...
111
f
INT + 3 kTRIM
MUX
2:0
rw
Set Current Sense Multiplexer Configuration in OFF-state
000 IS pin is high impedance
001 IS pin is high impedance
010 IS pin is high impedance
011 IS pin is high impedance
100 IECR.PRO+ = 0: Diagnosis enable of external driver 0 activated
(EDD0 = 1)
101 IECR.PRO+ = 0: Diagnosis enable of external driver 1 activated
(EDD1 = 1)
100 IECR.PRO+ = 1: EDD0 = 1, EDD1 = 0
101 IECR.PRO+ = 1: EDD0 = 1, EDD1 = 1
110 IS pin is high impedance
111 Stand-by mode (IS pin is high impedance)
Set Multiplexer Configuration in ON-state
000 Current sense of channel 0 is routed to IS pin
001 Current sense of channel 1 is routed to IS pin
010 Current sense of channel 2 is routed to IS pin
011 Current sense of channel 3 is routed to IS pin
100 IECR.PRO+ = 0: Diagnosis enable of external driver 0 activated
(EDD0 = 1)
101 IECR.PRO+ = 0: Diagnosis enable of external driver 1 activated
(EDD1 = 1)
100 IECR.PRO+ = 1: EDD0 = 1, EDD1 = 0
101 IECR.PRO+ = 1: EDD0 = 1, EDD1 = 1
110 IS pin is high impedance
111 Stand-by mode (IS pin is high impedance))
SBM
3
r
Switch Bypass Monitor 2)
0
VDS < VDS(SB)
1
VDS > VDS(SB)
CSOL
3
w
Current Source Switch for Open Load Detection
0
OFF
1ON
AMUX
5:4
w
Automatic Current Sense Multiplexer Switching (single loop)
0
Automatic current sense multiplexer switching not activated
1
Automatic current sense multiplexer switching activated and
proceeding
Field
Bits
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com