| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAXQ3181-RAN+ bảng dữ liệu(PDF) 41 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3181-RAN+ bảng dữ liệu(HTML) 41 Page - Maxim Integrated Products |
|
41 / 84 page ![]() Low-Power, Active Energy, Polyphase AFE ______________________________________________________________________________________ 41 RMS Current, Phase X = A/B/C (X.IRMS) (A: 0x1CC, B: 0x2B8, C: 0x3A4) This register provides the raw RMS current over the most recent DSP cycle, LSB = IFS/224. Energy, Real Positive, Phase X = A/B/C (X.EAPOS) (A: 0x1E8, B: 0x2D4, C: 0x3C0) On every DSP cycle, the contents of the X.ACT register are tested, and, if positive, are added to this register. When this register overflows, the APOV bit in the X.EOVER register is set. Bit: 31 30 29 28 27 26 25 24 Name: RMS Current Byte 3 Bit: 23 22 21 20 19 18 17 16 Name: RMS Current Byte 2 Bit: 15 14 13 12 11 10 9 8 Name: RMS Current Byte 1 Bit: 7 6 5 4 3 2 1 0 Name: RMS Current Byte 0 Bit: 31 30 29 28 27 26 25 24 Name: Real Energy Byte 3 Bit: 23 22 21 20 19 18 17 16 Name: Real Energy Byte 2 Bit: 15 14 13 12 11 10 9 8 Name: Real Energy Byte 1 Bit: 7 6 5 4 3 2 1 0 Name: Real Energy Byte 0 |