| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAXQ3181-RAN+ bảng dữ liệu(PDF) 23 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3181-RAN+ bảng dữ liệu(HTML) 23 Page - Maxim Integrated Products |
|
23 / 84 page ![]() Low-Power, Active Energy, Polyphase AFE ______________________________________________________________________________________ 23 READ MAXQ3181 SEND COMMAND BYTE 1 GET 0xC1? GET 0xC2? EXIT SPI TIMEOUT (320ms) DELAY > 400 SYSCLK SEND COMMAND BYTE 2 SEND 0x00 DELAY > 400 SYSCLK SEND 0x00 GET DATA BYTE DELAY > 400 SYSCLK GET 0x4E? GET 0x41? DONE? N N N Y N WRITE MAXQ3181 SEND COMMAND BYTE 1 GET 0xC1? GET 0xC2? EXIT SPI TIMEOUT (320ms) DELAY > 400 SYSCLK SEND COMMAND BYTE 2 SEND DATA BYTE DELAY > 400 SYSCLK SEND 0x00 DELAY > 400 SYSCLK GET 0x4E? GET 0x41? DONE? GET 0x41? N N N N Y N Figure 8. Flowchart for Writing to MAXQ3181 Figure 7. Flowchart for Reading from MAXQ3181 The virtual registers contain calculated values derived from one or more real registers. They are calculated at the time they are requested, and thus can involve addi- tional time to return a value. Most virtual registers are 8 bytes in length and are delivered least significant byte first. |