công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFB bảng dữ liệu(PDF) 106 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFB bảng dữ liệu(HTML) 106 Page - Renesas Technology Corp

Back Button R5F363AMNFB Datasheet HTML 102Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 103Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 104Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 105Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 106Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 107Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 108Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 109Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 115 page
background image
REJ03B0271-0100 Rev.1.00 Sep 15, 2009
Page 106 of 113
M16C/63 Group
5. Electrical Characteristics
VCC1 = VCC2 = 1.8 V
Notes:
1.
This indicates the memory in which the program to be executed exists
2.
A/D conversion is executed in repeat mode.
Table 5.63
Electrical Characteristics (3)
VCC1 = VCC2 = 1.8 to 2.7 V, VSS = 0 V at Topr = −20 to 85°C/−40 to 85°C, f(BCLK) = 5 MHz unless otherwise
specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power supply current
In single-chip, mode,
the output pin are
open and other pins
are VSS
High-speed mode
f(BCLK) = 5 MHz (no division)
XIN = 5 MHz (square wave),
125 kHz on-chip oscillator stop
CM15 = 1 (drive capacity High)
A/D converter stop
2.6
mA
f(BCLK) = 5 MHz (no division),
XIN = 5 MHz (square wave)
125 kHz on-chip oscillator stop
CM15 = 1 (drive capacity High)
A/D converter operating (2)
3.3
mA
f(BCLK) = 5 MHz
XIN = 5 MHz (square wave)
125 kHz on-chip oscillator stop
CM15 = 0 (drive capacity Low)
A/D converter stop
2.6
mA
f(BCLK) = 5 MHz (no division)
XIN = 5 MHz (square wave)
125 kHz on-chip oscillator stop
CM15 = 1 (drive capacity High)
PCLKSTP1 = FF (peripheral clock stop)
2.2
mA
f(BCLK) = 5 MHz (no division)
XIN = 5 MHz (square wave)
125 kHz on-chip oscillator stop
CM15 = 0 (drive capacity Low)
PCLKSTP1 = FF (peripheral clock stop)
2.2
mA
40 MHz on-chip
oscillator mode
Main clock stop
40 MHz on-chip oscillator on,
divide-by-8 (f(BCLK) = 5 MHz)
125 kHz on-chip oscillator stop
2.8
mA
125 kHz on-chip
oscillator mode
Main clock stop
40 MHz on-chip oscillator stop
125 kHz on-chip oscillator on, no division
FMR22 = 1 (slow read mode)
450.0
μA
Low-power mode
f(BCLK) = 32 MHz
FMR 22 = FMR23 = 1 (in low-current
consumption read mode)
on flash memory (1)
80.0
μA
Wait mode
f(BCLK) = 32 kHz
Main clock stop
40 MHz on-chip oscillator stop
125 kHz on-chip oscillator on
PM25 = 1 (peripheral function clock fC
operating)
Topr = 25°C
Real-time clock operating
5.3
μA
f(BCLK) = 32 MHz
Main clock stop
40 MHz on-chip oscillator stop
125 kHz on-chip oscillator stop
PM25 = 0 (peripheral function clock fC stop)
Topr = 25°C
5.0
μA
Stop mode
Topr = 25°C
2.2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com