công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F363AMNFB bảng dữ liệu(PDF) 45 Page - Renesas Technology Corp

tên linh kiện R5F363AMNFB
Giải thích chi tiết về linh kiện  RENESAS MCU
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AMNFB bảng dữ liệu(HTML) 45 Page - Renesas Technology Corp

Back Button R5F363AMNFB Datasheet HTML 41Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 42Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 43Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 44Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 45Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 46Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 47Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 48Page - Renesas Technology Corp R5F363AMNFB Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 115 page
background image
REJ03B0271-0100 Rev.1.00 Sep 15, 2009
Page 45 of 113
M16C/63 Group
4. Special Function Registers (SFRs)
4.2
Notes on SFRs
4.2.1
Register Settings
Table 4.17 lists Registers with Write-Only Bits and registers whose function differs between reading and
writing. Set these registers with immediate values. When establishing the next value by altering the
existing value, write the existing value to the RAM as well as to the register. Transfer the next value to
the register after making changes in the RAM.
Table 4.17
Registers with Write-Only Bits
Register
Symbol
Address
Watchdog Timer Refresh Register
WDTR
037Dh
Watchdog Timer Start Register
WDTS
037Eh
Timer A0 Register
TA0
0327h to 0326h
Timer A1 Register
TA1
0329h to 0328h
Timer A2 Register
TA2
032Bh to 032Ah
Timer A3 Register
TA3
032Dh to 032Ch
Timer A4 Register
TA4
032Fh to 032Eh
Timer A1-1 Register
TA11
0303h to 0302h
Timer A2-1 Register
TA21
0305h to 0304h
Timer A4-1 Register
TA41
0307h to 0306h
Three-Phase Output Buffer Register 0
IDB0
030Ah
Three-Phase Output Buffer Register 1
IDB1
030Bh
Dead Time Timer
DTT
030Ch
Timer B2 Interrupt Generation Frequency Set Counter
ICTB2
030Dh
UART0 Bit Rate Register
U0BRG
0249h
UART1 Bit Rate Register
U1BRG
0259h
UART2 Bit Rate Register
U2BRG
0269h
UART5 Bit Rate Register
U5BRG
0289h
UART6 Bit Rate Register
U6BRG
0299h
UART7 Bit Rate Register
U7BRG
02A9h
UART0 Transmit Buffer Register
U0TB
024Bh to 024Ah
UART1 Transmit Buffer Register
U1TB
025Bh to 025Ah
UART2 Transmit Buffer Register
U2TB
026Bh to 026Ah
UART5 Transmit Buffer Register
U5TB
028Bh to 028Ah
UART6 Transmit Buffer Register
U6TB
029Bh to 029Ah
UART7 Transmit Buffer Register
U7TB
02ABh to 02AAh
SI/O3 Bit Rate Register
S3BRG
0273h
SI/O4 Bit Rate Register
S4BRG
0277h
I2C0 Control Register 1
S3D0
02B6h
I2C0 Status Register 0
S10
02B8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com