| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F363AMNFB bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F363AMNFB bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp |
|
19 / 115 page ![]() REJ03B0271-0100 Rev.1.00 Sep 15, 2009 Page 19 of 113 M16C/63 Group 1. Overview Notes: 1. Contact the oscillator manufacturer regarding the oscillation characteristics. 2. TXD2, SDA2, and SCL2 are N-channel open drain output pins. TXDi, SDAi, and SCLi can be selected as CMOS output pins or N-channel open drain output pins (i = 0, 1, 5 to 7). Table 1.11 Pin Functions for the 100-Pin Package (2/3) Signal Name Pin Name I/O Power Supply Description Main clock input XIN I VCC1 I/O for the main clock oscillator. Connect a ceramic resonator or crystal between pins XIN and XOUT. (1) Input an external clock to XIN pin and leave XOUT pin open. Main clock output XOUT O VCC1 Sub clock input XCIN I VCC1 I/O for a sub clock oscillator. Connect a crystal between XCIN pin and XCOUT pin. (1) Input an external clock to XCIN pin and leave XCOUT pin open. Sub clock output XCOUT O VCC1 BCLK output BCLK O VCC2 Outputs the BCLK signal. Clock output CLKOUT O VCC2 Outputs a clock with the same frequency as fC, f1, f8, or f32. INT interrupt input INT0 to INT2 I VCC1 Input for the INT interrupt. INT3 to INT7 I VCC2 NMI interrupt input NMI I VCC1 Input for the NMI interrupt. Key input interrupt input KI0 to KI7 I VCC1 Input for the key input interrupt. Timer A TA0OUT to TA4OUT I/O VCC1 I/O for timers A0 to A4 (TA0OUT is N-channel open drain output). TA0IN to TA4IN I VCC1 Input for timers A0 to A4. ZP I VCC1 Input for Z-phase. Timer B TB0IN to TB5IN I VCC1 Input for timers B0 to B5. Three-phase motor control timer U, U, V, V, W, W O VCC1 Output for the three-phase motor control timer. SD I VCC1 Forced cutoff input. IDU, IDV, IDW I VCC2 Input for the position data. Real-time clock output TRHO O VCC1 Output for the real-time clock. PWM output PWM0, PWM1 O VCC1, VCC2 PWM output. Remote control signal receiver input PMC0, PMC1 I VCC1 Input for the remote control signal receiver. Serial interface UART0 to UART2, UART5 to UART7 CTS0 to CTS2, CTS5 I VCC1 Input pins to control data transmission. CTS6, CTS7 I VCC2 RTS0 to RTS2, RTS5 O VCC1 Output pins to control data reception. RTS6, RTS7 O VCC2 CLK0 to CLK2, CLK5 I/O VCC1 Transmit/receive clock I/O. CLK6, CLK7 I/O VCC2 RXD0 to RXD2, RXD5 I VCC1 Serial data input. RXD6, RXD7 I VCC2 TXD0 to TXD2, TXD5 O VCC1 Serial data output. (2) TXD6, TXD7 O VCC2 CLKS1 O VCC1 Output for the transmit/receive clock multiple-pin output function. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |